Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL610Q461-02 Datasheet(PDF) 8 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL610Q461-02
Description  8-bit Microcontroller with a Built-in LCD driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL610Q461-02 Datasheet(HTML) 8 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDL610Q461-02 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. FEDL610Q461-02 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDL610Q461-02 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL610Q461-02 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL610Q461-02 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL610Q461-02 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDL610Q461-02 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. FEDL610Q461-02 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. FEDL610Q461-02 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
FEDL610Q461-03
ML610Q461/ML610Q462/ML610Q463
8/29
PIN LIST
PIN
No.
Primary function
Secondary function or Tertiary function
Pin name
I/O
Function
Secondary
/Tertiary
Pin name
I/O
Function
10
50
Vss
Negative power supply pin
9
VDD
Positive power supply pin
11
VDDL
Power supply pin for internal logic
(internally generated)
64
VPP
Power supply pin for Flash ROM
19
VL1
Power supply pin for LCD bias
(internally generated or connected
to positive power supply pin)
(*1)
20
VL2
Power supply pin for LCD bias
(internally generated or connected
to positive power supply pin)
(*1)
21
VL3
Power supply pin for LCD bias
(internally generated)
17
C1
Capacitor connection pin for LCD
bias generation
18
C2
Capacitor connection pin for LCD
bias generation
15
TEST0
I/O
Test pin
16
TEST1_N
I
Test pin
14
RESET_N
I
Reset input pin
12
XT0
I
Low-speed clock oscillation pin
13
XT1
O
Low-speed clock oscillation pin
53
P00/EXI0/
CAP0
I
Input port,
External interrupt,
Capture 0 input
54
P01/EXI1/
CAP1
I
Input port,
External interrupt,
Capture 1 input
55
P02/EXI2/
RXD0
I
Input port,
External interrupt,
UART0 received data
56
P03/EXI3
I
Input port,
External interrupt
57
P04/EXI4/
T02P0CK
I
Input port,
Timer 0/Timer 2/PWM0 external
clock input
External interrupt
51
P20/LED0
O
Output port
Secondary
LSCLK
O
Low-speed clock output
52
P21/LED1
O
Output port
Secondary
OUTCLK
O
High-speed clock output
58
P30
I/O
Input/output port
Secondary
IN0
I
RC type ADC0 oscillation input
pin
59
P31
I/O
Input/output port
Secondary
CS0
O
RC type ADC0 reference
capacitor connection pin
60
P34
I/O
Input/output port
Secondary
RCT0
O
RC type ADC0
resistor/capacitor sensor
connection pin
61
P32
I/O
Input/output port
Secondary
RS0
O
RC type ADC0 reference
resistor connection pin
62
P33
I/O
Input/output port
Secondary
RT0
O
RC type ADC0 measurement
resistor sensor connection pin
63
P35
I/O
Input/output port
Secondary
RCM
O
RC type ADC oscillation monitor


Similar Part No. - FEDL610Q461-02

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL610Q409-01 LAPIS-FEDL610Q409-01 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q409-02 LAPIS-FEDL610Q409-02 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q409-03 LAPIS-FEDL610Q409-03 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q409-04 LAPIS-FEDL610Q409-04 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q409-05 LAPIS-FEDL610Q409-05 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - FEDL610Q461-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com