Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML610Q461 Datasheet(PDF) 19 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q461
Description  8-bit Microcontroller with a Built-in LCD driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q461 Datasheet(HTML) 19 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q461 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML610Q461 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML610Q461 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML610Q461 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML610Q461 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML610Q461 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML610Q461 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML610Q461 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML610Q461 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
FEDL610Q461-03
ML610Q461/ML610Q462/ML610Q463
19/29
DC CHARACTERISTICS (4/5)
(VDD = 1.25 to 3.6V, VSS = 0V, Ta = −20 to +70°C, unless otherwise specified)
Parameter
Symbol
Condition
Rating
Unit
Measuring
circuit
Min.
Typ.
Max.
Output voltage 1
(P20–P21 Nch
open drain mode
is Not selected)
(P30–P35)
(P40–P47)
(P60–P67)
VOH1
IOH1 =
−0.5mA, V
DD = 1.8 to 3.6V
VDD
−0.5
V
2
IOH1 = -0.03mA, VDD = 1.25 to 3.6V
VDD
−0.3
VOL1
IOL1 = +0.5mA, VDD = 1.8 to 3.6V
0.5
IOL1 = +0.1mA, VDD = 1.25 to 3.6V
0.3
Output voltage 2
(P20–P21 Nch
open drain mode is
selected)
VOL2
IOL2 = +5mA, VDD = 1.8 to 3.6V
0.5
Output voltage 3
(COM0 to 3)
(SEG8 to 23)
*1
(SEG8 to 27)
*2
(SEG8 to 31)
*3
VOH3
IOH4 =
−0.05mA, VL1=1.2V
VL3
−0.2
VOML3
IOMH4 = +0.05mA, VL1=1.2V
VL2
+0.2
VOML3S
IOM4S =
−0.05mA, VL1=1.2V
VL2
−0.2
VOLM3
IOML4 = +0.05mA, VL1=1.2V
VL1
+0.2
VOLM3S
IOML4S =
−0.05mA, VL1=1.2V
VL1
−0.2
VOL3
IOL4 = +0.05mA, VL1=1.2V
0.2
Output leakage
(P20–P21)
(P30–P35)
(P40–P47)
(P60–P67)
IOOH
VOH = VDD (in high-impedance state)
1
µA
3
IOOL
VOL = VSS (in high-impedance state)
−1
Input current 1
(RESET_N)
(TEST1_N)
IIH1
VIH1 = VDD
0
1
µA
4
IIL1
VIL1 = VSS
-600
-300
-2
Input current 2
(TEST0)
IIH2
VIH1 = VDD
2
300
600
IIL2
VIL1 = Vss
-1
Input current 3
(P00-P04)
(P30-P35)
(P40-P47)
IIH3
VIH3 = VDD ,VDD = 1.8 to 3.6V
(when pulled-down)
2
30
200
VIH3 = VDD ,VDD = 1.25 to 3.6V
(when pulled-down)
IIL3
VIL3 = VSS , VDD = 1.8 to 3.6V
(when pulled-up)
-200
-30
-2
VIL3 = VSS , VDD = 1.25 to 3.6V
(when pulled-up)
-200
-30
-0.01
IIH3Z
VIH3 = VDD (in high-impedance state)
1
IIL3Z
VIL3 = VSS (in high-impedance state)
−1
*1: Characteristics for ML610Q461.
*2: Characteristics for ML610Q462.
*3: Characteristics for ML610Q463.


Similar Part No. - ML610Q461

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q461 ETC2-ML610Q461 Datasheet
905Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML610Q461

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com