Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AS244 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AS244
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS244 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AS244 Datasheet HTML 1Page - Texas Instruments SN74AS244 Datasheet HTML 2Page - Texas Instruments SN74AS244 Datasheet HTML 3Page - Texas Instruments SN74AS244 Datasheet HTML 4Page - Texas Instruments SN74AS244 Datasheet HTML 5Page - Texas Instruments SN74AS244 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN54ALS244B, 2N74ALS244B
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SDAS142 – D2661, DECEMBER 1982 – REVISED JULY 1987
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
3
switching characteristics (see Note 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX†
UNIT
SN54AS244
SN74AS244
MIN
MAX
MIN
MAX
tPLH
A
Y
1
16
3
10
ns
tPHL
A
Y
3
12
3
10
ns
tPZH
G
Y
1
26
3
20
ns
tPZL
G
Y
1
24
3
20
ns
tPHZ
G
Y
2
10
3
10
ns
tPLZ
G
Y
1
26
3
13
ns
† For conditions shown MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 1: Load circuit and voltage waveforms are shown in Section 1 of the
ALS/AS Logic Data Book, 1986.


Similar Part No. - SN74AS244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS244A TI-SN74AS244A Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AS244A TI1-SN74AS244A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN74AS244A TI1-SN74AS244A Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
REVISED AUGUST 1995
SN74AS244ADW TI-SN74AS244ADW Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AS244ADW TI1-SN74AS244ADW Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
More results

Similar Description - SN74AS244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC244 TI-SN54HC244 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC241 TI1-SN54HC241_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com