Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKM2050AJ3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part No. SKM2050AJ3
Description  MOS BARRIER RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SKM2050AJ3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  SKM2050AJ3 Datasheet HTML 1Page - Cystech Electonics Corp. SKM2050AJ3 Datasheet HTML 2Page - Cystech Electonics Corp. SKM2050AJ3 Datasheet HTML 3Page - Cystech Electonics Corp. SKM2050AJ3 Datasheet HTML 4Page - Cystech Electonics Corp. SKM2050AJ3 Datasheet HTML 5Page - Cystech Electonics Corp. SKM2050AJ3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : K176J3
Issued Date : 2016.08.15
Revised Date : 2016.08.15
Page No. : 2/6
SKM2050AJ3
CYStek Product Specification
Maximum Ratings and Electrical Characteristics
(
Rating at 25C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,
resistive or inductive load.
For capacitive load, derate current by 20%.)
Parameter
Symbol
Min. Typ.
Max.
Units
Maximum DC blocking voltage
VDC
50
V
Maximum Recurrent peak reverse voltage
VRRM
50
V
Maximum RMS voltage
VRMS
36
V
Maximum instantaneous forward voltage
at IF=20A
TC=25°C
VF
0.49
0.55
V
TC=125°C
0.45
0.5
Maximum instantaneous VR=50 V, TC=25℃
IR
130
500
μA
reverse current at
VR=50 V, TC=125℃
45
100
mA
Maximum Average forward rectified current @ TC=100℃
IF(AV)
20
A
Non-repetitive peak forward surge current @
IFSM
300
A
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
Peak Repetitive Reverse Surge Current (2uS-1Khz)
IRRM
2
A
Maximum Rate of Voltage Change ( at Rated VR )
dv/dt
10000
V/uS
Storage temperature range
Tstg
-55
150
Operating junction temperature range
TJ
-55
150
Thermal Data
Parameter
Symbol
Value
Unit
Typical Thermal Resistance, Junction-to-case
Rth,j-c
3
C/W
Typical Thermal Resistance, Junction-to-ambient
Rth,j-a
125
C/W
Ordering Information
Device
Package
Shipping
SKM2050AJ3-0-T3-G
TO-252
(Pb-free lead plating and Halogen-free package)
2500/Tape & Reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T3 : 2500 pcs/ tape & reel in 13” reel
Product rank, zero for no rank products
Product name


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn