Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKM2050AJ3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part No. SKM2050AJ3
Description  MOS BARRIER RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SKM2050AJ3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  SKM2050AJ3 Datasheet HTML 1Page - Cystech Electonics Corp. SKM2050AJ3 Datasheet HTML 2Page - Cystech Electonics Corp. SKM2050AJ3 Datasheet HTML 3Page - Cystech Electonics Corp. SKM2050AJ3 Datasheet HTML 4Page - Cystech Electonics Corp. SKM2050AJ3 Datasheet HTML 5Page - Cystech Electonics Corp. SKM2050AJ3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : K176J3
Issued Date : 2016.08.15
Revised Date : 2016.08.15
Page No. : 1/6
SKM2050AJ3
CYStek Product Specification
20Amp. MOS BARRIER RECTIFIER
SKM2050AJ3
Features
 150℃ operating junction temperature
 Softest, fast switching capability
 Reduced ultra-low forward voltage drop (VF) ; better efficiency
and cooler operation.
 Lead-Free Finish; RoHS Compliant
 Halogen and Antimony Free. “Green” Device
 MCD technology provides a superior avalanche capability than schottky diodes
Mechanical Data
 Case: TO-252 molded plastic
Weight: 0.34 grams approximately
Terminals: Pure tin plated, lead-free, solderable per MIL-STD-750 method 2026
 Epoxy: UL 94V-0 rate flame retardant
 Polarity : As marked.
TO-252AA
Marking Information
CYS= Manufacturers’ Code Marking
M2050A = Product Type Marking Code
Y M = Date Code Marking
Y = Last Digit of Year (ex: 4 for 2014)
M = Month code (1 ~ 9、10→A、11→B、12→C)
IF(AV)
20A
VRRM
50V
VF at 125°C
0.45V
Tj
150°C


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn