Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK550 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # SK550
Description  Surface Mount Schottky Barrier Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK550 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  SK550 Datasheet HTML 1Page - Cystech Electonics Corp. SK550 Datasheet HTML 2Page - Cystech Electonics Corp. SK550 Datasheet HTML 3Page - Cystech Electonics Corp. SK550 Datasheet HTML 4Page - Cystech Electonics Corp. SK550 Datasheet HTML 5Page - Cystech Electonics Corp. SK550 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C337AF
Issued Date : 2014.04.30
Revised Date :2015.04.30
Page No. : 3/6
SK520AF-SK5100AF
CYStek Product Specification
Typical Characteristics
M a x i m u m N o n - R e p e t i t i v e F o r w a r d S u r g e C u r r e n t
0
20
40
60
80
100
120
140
160
1
10
100
N u m b er o f C y cl es at 6 0 H z
T j = 2 5 ℃, 8 . 3 m s S i n g l e H a l f
S i n e W a v e
JE D E C m e t h o d
Forward Current vs Forward Voltage
0.01
0.1
1
10
100
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
Forward Voltage---VF(V)
Tj=25℃, Pulse width=300
μ s,
1% Duty cycle
SK520-SK540
SK550-SK560
SK580-SK5100
Junction Capacitance vs Reverse Voltage
0
200
400
600
800
1000
1200
1400
0.01
0.1
1
10
100
Reverse Voltage---VR(V)
Reverse Leakage Current vs Reverse Voltage
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
Percent of Rated Peak Reverse Voltage---(%)
Tj=75℃
Tj=25℃
0
1
2
3
4
5
6
0
50
100
150
200
Ambient Temperature---TA(℃)
Forward Current Derating Curve
SK580-SK5100
SK520-SK560


Similar Part No. - SK550

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK550 CYSTEKEC-SK550 Datasheet
209Kb / 7P
   5.0Amp. Surface Mount Schottky Barrier Diodes
SK550 CYSTEKEC-SK550 Datasheet
151Kb / 5P
   5.0Amp. Surface Mount Schottky Barrier Diodes
logo
DIYI Electronic Technol...
SK550D DYELEC-SK550D Datasheet
1Mb / 3P
   SCHOTTKY BARRIER RECTIFIERS
SK550P DYELEC-SK550P Datasheet
1Mb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Cystech Electonics Corp...
SK550SB CYSTEKEC-SK550SB Datasheet
236Kb / 7P
   5.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - SK550

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
PSD490 PACELEADER-PSD490 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
PSD520S-40 PACELEADER-PSD520S-40 Datasheet
396Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com