Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2116A Datasheet(PDF) 6 Page - Keysight Technologies

Part # N2116A
Description  Automated NFC Test Software
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2116A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button N2116A Datasheet HTML 2Page - Keysight Technologies N2116A Datasheet HTML 3Page - Keysight Technologies N2116A Datasheet HTML 4Page - Keysight Technologies N2116A Datasheet HTML 5Page - Keysight Technologies N2116A Datasheet HTML 6Page - Keysight Technologies N2116A Datasheet HTML 7Page - Keysight Technologies N2116A Datasheet HTML 8Page - Keysight Technologies N2116A Datasheet HTML 9Page - Keysight Technologies N2116A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
06 | Keysight | DSOXT3NFC/DSOX4NFC Automated NFC Test Software, N2116A/N2134A/N2135A Programmable NFC 3-in-1 Antenna - Data Sheet
Keysight 3-in-1 Programmable NFC Antenna
Another key element of Keysight’s test system is the 3-in-1 programmable NFC antenna. This
multi-coil antenna is available in three different fixed spacings:
– 5 mm (N2116A)
– 10 mm (N2134A)
– 15 mm (N2135A)
With this programmable antenna, testing can quickly progress from Listener mode to Poller
mode to Resonant Frequency test mode without having to manually or robotically move the
DUT from one antenna type to the next.
Figure 4. Block diagram of Keysight’s 3-in-1 programmable NFC antenna.
HF signal
LF signal
DC signal
Control signal
Control
Sense
Sense
USB
Load
selector
LED sense
indicator
Switching
Vr
TX
RX
LM
Vr
Listener
Poller
3-in-1
antenna
Resonant
frequency
Figure 5. The N2116A 3-in-1 NFC antenna.


Similar Part No. - N2116A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
N21160B1EB1S MICROSEMI-N21160B1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
N21160B1EN1S MICROSEMI-N21160B1EN1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
N21160C1EB1S MICROSEMI-N21160C1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
N21160C1EN1S MICROSEMI-N21160C1EN1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
N21160D1EB1S MICROSEMI-N21160D1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
More results

Similar Description - N2116A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
T3111S KEYSIGHT-T3111S Datasheet
3Mb / 12P
   NFC Test Systems
T3121S KEYSIGHT-T3121S Datasheet
3Mb / 12P
   NFC Test Systems
N8839A KEYSIGHT-N8839A Datasheet
1Mb / 13P
   Compliance Test Software
N6462A KEYSIGHT-N6462A Datasheet
2Mb / 18P
   Compliance Test Software
N5972A KEYSIGHT-N5972A Datasheet
2Mb / 8P
   Interactive Functional Test Software
N5416B KEYSIGHT-N5416B Datasheet
2Mb / 14P
   USB Compliance Test Software
E6702G KEYSIGHT-E6702G Datasheet
2Mb / 8P
   Interactive Functional Test Software
logo
Agilent(Hewlett-Packard...
N5990A HP-N5990A Datasheet
1Mb / 18P
   Test Automation Software Platform
logo
Keysight Technologies
N5416A KEYSIGHT-N5416A Datasheet
2Mb / 14P
   USB Compliance Test Software
N5990A KEYSIGHT-N5990A Datasheet
4Mb / 23P
   N5990A Test Automation Software Platform
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com