Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E4727A Datasheet(PDF) 9 Page - Keysight Technologies

Part # E4727A
Description  Advanced Low-Frequency Noise Analyzer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E4727A Datasheet(HTML) 9 Page - Keysight Technologies

Back Button E4727A Datasheet HTML 5Page - Keysight Technologies E4727A Datasheet HTML 6Page - Keysight Technologies E4727A Datasheet HTML 7Page - Keysight Technologies E4727A Datasheet HTML 8Page - Keysight Technologies E4727A Datasheet HTML 9Page - Keysight Technologies E4727A Datasheet HTML 10Page - Keysight Technologies E4727A Datasheet HTML 11Page - Keysight Technologies E4727A Datasheet HTML 12Page - Keysight Technologies E4727A Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
09 | Keysight | E4727A Advanced Low-Frequency Noise Analyzer - Data Sheet
E4727A(K03) output module specifications
The output module accepts tri-axial force and sense inputs from the SMU, applies low-pass
filtering and a variable and controllable load impedance. The same output module output
connector serves as the noise receiver input. In the noise receiver path to the digitizer, the
output module is equipped with 5 possible low-noise amplifiers to maximize flexibility in the
types of devices measured.
LPF
Number of LPFs
2
LPF1
LPF2
Cut-off frequency
0.03 Hz
0.53 Hz
Series resistance (Rlpf_output)
5 kΩ
300 Ω
Maximum voltage
± 200 VDC
± 200 VDC
Maximum current
± 0.1 A
± 0.1 A
Output resistances
Resistor values
0 to 100 MΩ (25 selections)
Accuracy
± 0.5%
LNAs
Number of LNAs
5
LNA1
LNA2
LNA3
LNA4 1
LNA5 1
LNA type
Voltage
Voltage
Voltage
Current
Current
Frequency range
0.03 Hz to 1 MHz
1 Hz to 1 MHz
1 Hz to 40 MHz
0.03 Hz to 100 kHz
1 Hz to 100 kHz
Input voltage noise
density
0.67 nV
Hz
@ 10 kHz
0.67
nV
Hz @ 10 kHz
1.5
nV
Hz @ 1 MHz
Input current noise
density (max)
100
fA
Hz @ 10 kHz
100
fA
Hz @ 10 kHz
100 fA
Hz
@ 10 kHz
3
pA
Hz
@ 10 kHz
3
pA
Hz
@ 10 kHz
Corner frequency
20 Hz
200 Hz
200 Hz
200 Hz
200 Hz
Maximum input
voltage
± 200 VDC
± 200 VDC
± 200 VDC
± 5 VDC
± 5 VDC
Maximum input
current
± 30 mA
± 30 mA
Output impedance
220 Ω
220 Ω
220 Ω
220 Ω
220 Ω


Similar Part No. - E4727A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E472 GILWAY-E472 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
Littelfuse
E47258 LITTELFUSE-E47258 Datasheet
402Kb / 3P
   Miniature single in-line package
More results

Similar Description - E4727A

ManufacturerPart #DatasheetDescription
logo
Usha India Ltd.
2SC900 USHA-2SC900 Datasheet
112Kb / 3P
   LOW FREQUENCY, LOW NOISE AMPLIFIER
logo
Fairchild Semiconductor
SS9015 FAIRCHILD-SS9015 Datasheet
65Kb / 4P
   Low Frequency, Low Noise Amplifier
logo
List of Unclassifed Man...
2SC1335 ETC-2SC1335 Datasheet
78Kb / 2P
   LOW FREQUENCY LOW NOISE AMPLIFIER
logo
Fairchild Semiconductor
KSC900 FAIRCHILD-KSC900 Datasheet
42Kb / 4P
   Low Frequency & Low Noise Amplifier
logo
SeCoS Halbleitertechnol...
S9015 SECOS-S9015 Datasheet
234Kb / 2P
   Low Frequency, Low Noise Amplifier
logo
Fairchild Semiconductor
SS9015CTA FAIRCHILD-SS9015CTA Datasheet
72Kb / 4P
   Low Frequency, Low Noise Amplifier
logo
New Jersey Semi-Conduct...
2N3821 NJSEMI-2N3821 Datasheet
159Kb / 2P
   JFETS LOW FREQUENCY, LOW NOISE
logo
Fairchild Semiconductor
KSC900LTA FAIRCHILD-KSC900LTA Datasheet
45Kb / 4P
   Low Frequency & Low Noise Amplifier
SS9015CBU FAIRCHILD-SS9015CBU Datasheet
72Kb / 4P
   Low Frequency, Low Noise Amplifier
logo
Keysight Technologies
N8973B KEYSIGHT-N8973B Datasheet
1Mb / 10P
   Noise Figure Analyzer, Multi-touch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com