Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ44400HR Datasheet(PDF) 6 Page - Austin Semiconductor

Part # SMJ44400HR
Description  1M x 4 DRAM DYNAMIC RANDOM-ACCESS MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ44400HR Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button SMJ44400HR Datasheet HTML 2Page - Austin Semiconductor SMJ44400HR Datasheet HTML 3Page - Austin Semiconductor SMJ44400HR Datasheet HTML 4Page - Austin Semiconductor SMJ44400HR Datasheet HTML 5Page - Austin Semiconductor SMJ44400HR Datasheet HTML 6Page - Austin Semiconductor SMJ44400HR Datasheet HTML 7Page - Austin Semiconductor SMJ44400HR Datasheet HTML 8Page - Austin Semiconductor SMJ44400HR Datasheet HTML 9Page - Austin Semiconductor SMJ44400HR Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
DRAM
SMJ44400
Austin Semiconductor, Inc.
SMJ44400
Rev. 2.0 10/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
TIMING REQUIREMENTS (-55oC<T
A<125
oC or -40oC to +85oC; Vcc = 5V +10%)
SYM
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tRC
Cycle time, random read or write
1
150
180
210
ns
tRWC
Cycle time, read-write
205
245
285
ns
tPC
Cycle time, page-mode read or write
2
50
60
65
ns
tPRWC
Cycle time, page-mode read-write
100
120
135
ns
tRASP
Pulse duration, page mode, RAS\ low
3
80
100000 100 100000 120 100000
ns
tRAS
Pulse duration, nonpage mode, RAS\ low
3
80
10000
100
10000
120
10000
ns
tCAS
Pulse duration, CAS\ low
4
20
10000
25
10000
30
10000
ns
tCP
Pulse duration, CAS\ High
10
10
15
ns
tRP
Pulse duration, RAS\ High (precharge)
60
70
80
ns
tWP
Pulse duration, write
15
20
25
ns
tASC
Setup time, column address before CAS\ low
0
0
0
ns
tASR
Setup time, row address before RAS\ low
0
0
0
ns
tDS
Setup time, data
5
000
ns
tRCS
Setup time, read before CAS\ low
0
0
0
ns
tCWL
Setup time, W\ low before CAS\ high
20
25
30
ns
tRWL
Setup time, W\ low before RAS\ high
20
25
30
ns
tWCS
Setup time, W\ low before CAS\ low
(early-write operation only)
000
ns
tWSR
Setup time, W\ High (CBR refresh only)
10
10
10
ns
tCAH
Hold time, column address after CAS\ low
15
20
20
ns
tDHR
Hold time, data after RAS\ low
60
75
90
ns
tDH
Hold time, data
5
15
20
25
ns
tAR
Hold time, column address after CAS\ low
4
60
75
90
ns
tRAH
Hold time, row address after RAS\ low
10
15
15
ns
tRCH
Hold time, read after CAS\ High
6
000
ns
tRRH
Hold time, read after RAS\ High
6
000
ns
tWCH
Hold time, write after CAS\ low
(early-write operation only)
15
20
25
ns
tWCR
Hold time, write after RAS\ low
4
60
75
90
ns
tWHR
Hold time, W\ High (CBR refresh only)
10
10
10
ns
tOEH
Hold time, OE\ command
20
25
30
ns
tROH
Hold time, RAS\ referenced to OE\
20
25
30
ns
tAWD
Delay time, column address to W\ low
(read-write operation only)
70
80
90
ns
tCHR
Delay time, RAS\ low to CAS\ High
(CBR refresh only)
20
20
25
ns
tCRP
Delay time, CAS\ High to RAS\ low
0
0
0
ns
tCSH
Delay time, RAS\ low to CAS\ High
80
100
120
ns
tCSR
Delay time, CAS\ low to RAS\ low
(CBR refresh only)
10
10
10
ns
tCWD
Delay time, CAS\ low to W\ low
(read-write operation only)
50
60
70
ns
-8
-10
-12
NOTES:
1. All cycle times assume t
T
= 5ns.
2. To assure t
PC
min, t
ASC
should be > t
CP
.
3. In a read-write cycle, t
RWD
and t
RWL
must be observed.
4. In a read-write cycle, t
CWD
and t
CWL
must be observed.
5. Referenced to the later of CAS\ or W\ in write operations.
6. Either t
RRH
or t
RCH
must be satisfied for a read cycle.


Similar Part No. - SMJ44400HR

ManufacturerPart #DatasheetDescription
logo
Micross Components
SMJ44400 MICROSS-SMJ44400 Datasheet
1Mb / 21P
   3-State unlatched Output
More results

Similar Description - SMJ44400HR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM32100 MOTOROLA-MCM32100 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
MCM40100 MOTOROLA-MCM40100 Datasheet
545Kb / 13P
   1M x 40 Bit Dynamic Random Access Memory Module
logo
NTE Electronics
NTE21256 NTE-NTE21256 Datasheet
42Kb / 6P
   262,144-Bit Dynamic Random Access Memory (DRAM)
logo
Motorola, Inc
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK5361024BW ACCUTEK-AK5361024BW_09 Datasheet
65Kb / 2P
   Dynamic Random Access Memory
AK581024AG ACCUTEK-AK581024AG_09 Datasheet
78Kb / 2P
   Dynamic Random Access Memory
AK5816384S ACCUTEK-AK5816384S_09 Datasheet
0Kb / 2P
   Dynamic Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com