Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC114YK8S3-0-T1-G Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # DTC114YK8S3-0-T1-G
Description  NPN Digital Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTC114YK8S3-0-T1-G Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  DTC114YK8S3-0-T1-G Datasheet HTML 1Page - Cystech Electonics Corp. DTC114YK8S3-0-T1-G Datasheet HTML 2Page - Cystech Electonics Corp. DTC114YK8S3-0-T1-G Datasheet HTML 3Page - Cystech Electonics Corp. DTC114YK8S3-0-T1-G Datasheet HTML 4Page - Cystech Electonics Corp. DTC114YK8S3-0-T1-G Datasheet HTML 5Page - Cystech Electonics Corp. DTC114YK8S3-0-T1-G Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C355S3
Issued Date : 2016.01.27
Revised Date : 2016.07.18
Page No. : 1/6
DTC114YK8S3
CYStek Product Specification
NPN Digital Transistors (Built-in Resistors)
DTC114YK8S3
Features
• Built-in bias resistors enable the configuration of an inverter circuit without connecting external input
resistors (see equivalent circuit).
• The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the
input. They also have the advantage of almost completely eliminating parasitic effects.
• Only the on/off conditions need to be set for operation, making device design easy.
• Complements the DTA114YK8S3.
• ESD protection diode is built-in.
• Pb-free lead plating and halogen-free package.
Equivalent Circuit
Outline
Ordering Information
Device
Package
Shipping
DTC114YK8S3-0-T1-G
SOT-323
(Pb-free lead plating and halogen-free package)
3000 pcs / Tape & Reel
SOT-323
DTC114YK8S3
R1=10k
Ω , R2=47 kΩ
IN(B) : Base
OUT(C) : Collector
GND(E) : Emitter
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T1 : 3000 pcs / tape & reel, 7” reel
Product rank, zero for no rank products
Product name


Similar Part No. - DTC114YK8S3-0-T1-G

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114YK ROHM-DTC114YK Datasheet
878Kb / 3P
   DTA/DTC SERIES
DTC114YKA ROHM-DTC114YKA Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
DTC114YKA ROHM-DTC114YKA Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
DTC114YKA ROHM-DTC114YKA Datasheet
554Kb / 11P
   NPN 100mA 50V Digital Transistors
logo
Jiangsu Changjiang Elec...
DTC114YKA JIANGSU-DTC114YKA Datasheet
117Kb / 2P
   Digital transistors (built-in resistors)
More results

Similar Description - DTC114YK8S3-0-T1-G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DTC114Y SECOS-DTC114Y_15 Datasheet
228Kb / 2P
   NPN Digital Transistors
DTC144E SECOS-DTC144E_15 Datasheet
219Kb / 3P
   NPN Digital Transistors
DTC144T SECOS-DTC144T_15 Datasheet
77Kb / 2P
   NPN Digital Transistors
logo
Micro Commercial Compon...
DTC144EUA MCC-DTC144EUA Datasheet
440Kb / 2P
   NPN Digital Transistors
logo
Guangdong Kexin Industr...
KTC143ZKA KEXIN-KTC143ZKA Datasheet
212Kb / 2P
   NPN Digital transistors
logo
Micro Commercial Compon...
DTC114YE MCC-DTC114YE_13 Datasheet
222Kb / 2P
   NPN Digital Transistors
DTC143ZE MCC-DTC143ZE_13 Datasheet
248Kb / 3P
   NPN Digital Transistors
DTC123YUA MCC-DTC123YUA Datasheet
365Kb / 3P
   NPN Digital Transistors
DTC143TM MCC-DTC143TM Datasheet
585Kb / 3P
   NPN Digital Transistors
DTC114YUA MCC-DTC114YUA_09 Datasheet
89Kb / 2P
   NPN Digital Transistors
DTC144EKA MCC-DTC144EKA Datasheet
797Kb / 2P
   NPN Digital Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com