Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIW3000AIP1-T13 Datasheet(PDF) 5 Page - RF Micro Devices

Part # SIW3000AIP1-T13
Description  ULTIMATEBLUE RADIO PROCESSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SIW3000AIP1-T13 Datasheet(HTML) 5 Page - RF Micro Devices

  SIW3000AIP1-T13 Datasheet HTML 1Page - RF Micro Devices SIW3000AIP1-T13 Datasheet HTML 2Page - RF Micro Devices SIW3000AIP1-T13 Datasheet HTML 3Page - RF Micro Devices SIW3000AIP1-T13 Datasheet HTML 4Page - RF Micro Devices SIW3000AIP1-T13 Datasheet HTML 5Page - RF Micro Devices SIW3000AIP1-T13 Datasheet HTML 6Page - RF Micro Devices SIW3000AIP1-T13 Datasheet HTML 7Page - RF Micro Devices SIW3000AIP1-T13 Datasheet HTML 8Page - RF Micro Devices SIW3000AIP1-T13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5 of 24
SiW3000
60 0049 R01Drf SiW3000 Radio Processor DS
General System Requirements
System Reference Clock
The SiW3000 chip can use either an external crystal or a reference clock as the system clock input. The supported fre-
quencies are: 9.6 MHz, 12 MHz, 12.8 MHz, 13 MHz, 14.4 MHz, 15.36 MHz, 16 MHz, 16.8 MHz, 19.2 MHz, 19.68 MHz,
19.8 MHz, 26 MHz, 32 MHz, 38.4 MHz, and 48 MHz. The default reference frequency can be selected by setting the
proper system configuration parameter in the non-volatile memory (NVM). If the USB HCI transport will be used, the ref-
erence clock must be 32 MHz.
The system reference crystal/clock must have accuracy of ±20 PPM or better to meet the specification of Bluetooth. To
facilitate design and production, the SiW3000 processor incorporates internal crystal calibration circuits to allow factory
calibration of initial crystal frequency accuracy.
Low Power Clock
For the Bluetooth low power clock, a 32.768-kHz crystal may be used to drive the SiW3000 oscillator circuit, or alterna-
tively, a 32.768-kHz reference clock signal can be used instead of a crystal. If the lowest power consumption is not
required during low-power modes such as sniff, hold, park, and idle modes, the 32.768-kHz crystal may be omitted in the
design. If the 32.768-kHz clock source will be used, the clock source should be connected to the CLK32_IN pin and must
meet the following requirements:
For AC-coupled via 100 pF or greater (peak-to-peak voltage):
400 mVP-P < CLK32_IN < VDD_C
For DC-coupled:
CLK32_IN minimum peak voltage < VIL
CLK32_IN maximum peak voltage > VIH
Where VIL = 0.3 * VDD_C
Where VIH = 0.7 * VDD_C
For both cases, the signal is not to exceed:
-0.3 V < CLK32_IN < VDD_C + 0.3 V
Also, the CLK32_OUT pin must be coupled to VDD_P or GND through a 100 nF capacitor.
Power Supply Description
The SiW3000 Radio Processor operates at 1.8 V core voltage for internal analog and digital circuits. The chip has inter-
nal analog and digital voltage regulators simplifying power supply requirements to the chip. The internal voltage regula-
tors can be supplied directly from a battery or from other system voltage sources. Optionally, the internal regulators can
be by-passed if 1.8 V regulated source is available on the system.
Note: Both regulators can be bypassed if external regulation is desired. When bypassing the analog regulator, the VBATT_ANA and VCC_OUT pins
must be tied together and the external analog voltage (1.8 V) should be applied to the VBATT_ANA pin. When bypassing the digital regulator, the
VBATT_DIG pin should be left unconnected and the external digital voltage (1.8 V) should be applied to VBB_OUT pin.
The power for the I/Os is taken from a separate source (VDD_P). VDD_P can range from 1.62 to 3.63 Volts to maintain
compatibility with a wide range of peripheral devices. Please check the pin list for the exact pins that are powered from
the VDD_P source. Power for the USB circuits is taken from a separate source (VDD_USB).
Function
Internal Analog Regulator
Internal Digital Regulator
Regulator input pin
VBATT_ANA = 2.3 to 3.63 V
VBATT_DIG = 2.3 to 3.63 V
Regulator output pin
VCC_OUT = 1.8 V
VDD_C = 1.8 V
Table 1. Internal Regulator Used
Function
Analog Core Circuits
Digital Core Circuits
Circuit voltage supply pin
VCC = 1.8 V
VDD_C = 1.8 V
Table 2. Internal Regulator Bypassed


Similar Part No. - SIW3000AIP1-T13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SIW3500 RFMD-SIW3500 Datasheet
343Kb / 18P
   ULTIMATEBLUE
SIW3500DIF1 RFMD-SIW3500DIF1 Datasheet
343Kb / 18P
   ULTIMATEBLUE
SIW3500DIF1-T13 RFMD-SIW3500DIF1-T13 Datasheet
343Kb / 18P
   ULTIMATEBLUE
SIW3500GIG1 RFMD-SIW3500GIG1 Datasheet
343Kb / 18P
   ULTIMATEBLUE
SIW3500GIG1-T13 RFMD-SIW3500GIG1-T13 Datasheet
343Kb / 18P
   ULTIMATEBLUE
More results

Similar Description - SIW3000AIP1-T13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SIW3500 RFMD-SIW3500 Datasheet
343Kb / 18P
   ULTIMATEBLUE
logo
CML Microcircuits
EV8380 CMLMICRO-EV8380 Datasheet
1Mb / 29P
   Family Radio Processor
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
229Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
logo
NXP Semiconductors
SAF3560_SDS PHILIPS-SAF3560_SDS_15 Datasheet
318Kb / 24P
   Terrestrial digital radio processor
Rev. 5-8 February 2013
logo
STMicroelectronics
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
   Car radio audio processor
TDA7406 STMICROELECTRONICS-TDA7406 Datasheet
987Kb / 64P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com