Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB2200 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # SB2200
Description  2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

SB2200 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  SB2200 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 259 -
SR220/SB220 THRU SR2200/SB2200
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
FEATURE
.
High current capability
.
Low forward voltage drop
.
Low power loss, high efficiency
.
High surge capability
.
High temperature soldering guaranteed
260°C /10sec/ 0.375" lead length at 5 lbs tension
MECHANICAL DATA
.
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
.
Case: Molded with UL-94 Class V-0 recognized
Flame Retardant Epoxy
.
Polarity: color band denotes cathode
.
Mounting position: any
DO-15
1.0(25.4)
M IN.
.300(7.6)
.230(5.8)
1.0(25.4)
M IN.
.140(3.6)
.104(2.6)
DIA.
+
-
.034(0.9)
.028(0.7)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL
SR
220
SR
230
SR
240
SR
250
SR
260
SR
280
SR
290
SR
2100
SR
2150
SR
2200 uni
ts
SB
220
SB
230
SB
240
SB
250
SB
260
SB
280
SB
290
SB
2100
SB
2150
SB
2200
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
90
100
150
200
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
63
70
105
140
V
Maximum DC blocking Voltage
VDC
20
30
40
50
60
80
90
100
150
200
V
Maximum Average Forward Rectified Current
.375"(9.5mm) lead length at TL =90°C
IF(AV)
2.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
50.0
A
Maximum Forward Voltage at 2.0A DC
VF
0.45
0.55
0.70
0.85
0.95
V
Maximum DC Reverse Current
at rated DC blocking voltage
@TA=25°C
@TA =100°C
IR
0.5
40.0
0.1
10.0
mA
Typical Junction Capacitance (Note 1)
CJ
200
48
pF
Typical Thermal Resistance (Note 2)
R(JA)
65
°C /W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +125
-55 to +150
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient at 0.375"(9.5mm)lead length, vertical P.C. Board Mounted.


Similar Part No. - SB2200

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
SB2200 CTC-SB2200 Datasheet
68Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS (DO-41)
logo
Frontier Electronics.
SB2200 FRONTIER-SB2200 Datasheet
423Kb / 2P
   2A SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SB2200 DGNJDZ-SB2200 Datasheet
230Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
logo
Compact Technology Corp...
SB2200 CTC-SB2200 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS (DO-15)
logo
Microdiode Electronics ...
SB2200 CHENDA-SB2200 Datasheet
589Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB2200

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
SS22 CHONGQING-SS22 Datasheet
179Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS24L CHONGQING-SS24L Datasheet
177Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR220L CHONGQING-SR220L Datasheet
177Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS22M TSC-SS22M_12 Datasheet
212Kb / 2P
   2.0AMPS. Surface Mount Schottky Barrier Rectifiers
SR202 TSC-SR202_13 Datasheet
258Kb / 4P
   2.0AMPS. Schottky Barrier Rectifiers High reliability
SS22L TSC-SS22L_11 Datasheet
135Kb / 2P
   2.0AMPS Surface Mount Schottky Barrier Rectifiers
SSL22 TSC-SSL22_11 Datasheet
208Kb / 2P
   2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSL22 TSC-SSL22_13 Datasheet
253Kb / 4P
   2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSH210 TSC-SSH210 Datasheet
128Kb / 2P
   2.0AMPS. Surface Mount Schottky Barrier Rectifier
SK22A TSC-SK22A_11 Datasheet
192Kb / 2P
   2.0AMPS. Surface Mount Schottky Barrier Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com