Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S52BF Datasheet(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # S52BF
Description  5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

S52BF Datasheet(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  S52BF Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd S52BF Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 298 -
RATING AND CHARACTERISTIC CURVES (S52BF THRU S520BF)
100
10
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
TJ=25
Pulse Width=300μs
1% Duty Cycle
1
5.0
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
150
100
50
8.3ms Single Half
Sine-Wave (JEDEC
Method)
LEAD TEMPERTURE,()
2.5
0
0
160
120
Single Phase Half Wave
60Hz Resistive or
inductive Load
NUM BER OF CYCLES AT 60Hz
10
80
40
0
0
FIG.3-MAXIMUN NON-REPETITIVE
FORWARD SURGE CURRENT
100
150
V-2
00V
1.0
10
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
80
100
140
120
0.1
.01
60
0
20
40
PERCENT OF RATED PEAK REVERSE
VOLTAGE,(%)
INSTANEOUS FORWARD VOLTAGE,(V)
60
V
40
V
100
V
.1
200
.2
.5
0.8
1.1
1.4
100V-200V
TJ=25
20V-60V


Similar Part No. - S52BF

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
S52BF CHONGQING-S52BF Datasheet
217Kb / 2P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - S52BF

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
SS52 CHONGQING-SS52 Datasheet
179Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR520 CHONGQING-SR520 Datasheet
179Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS52L CHONGQING-SS52L Datasheet
177Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SBR545LBF CHONGQING-SBR545LBF Datasheet
178Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR560L CHONGQING-SR560L Datasheet
177Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
PS545L CHONGQING-PS545L Datasheet
196Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
S52BF CHONGQING-S52BF Datasheet
217Kb / 2P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBRF5100 TSC-MBRF5100_13 Datasheet
242Kb / 3P
   5.0AMPS Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SK52C LUGUANG-SK52C Datasheet
204Kb / 2P
   5.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK52C TSC-SK52C_11 Datasheet
136Kb / 2P
   5.0AMPS Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com