Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1216D100 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1216D100
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1216D100 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1216D100 Datasheet HTML 1Page - ON Semiconductor NCP1216D100 Datasheet HTML 2Page - ON Semiconductor NCP1216D100 Datasheet HTML 3Page - ON Semiconductor NCP1216D100 Datasheet HTML 4Page - ON Semiconductor NCP1216D100 Datasheet HTML 5Page - ON Semiconductor NCP1216D100 Datasheet HTML 6Page - ON Semiconductor NCP1216D100 Datasheet HTML 7Page - ON Semiconductor NCP1216D100 Datasheet HTML 8Page - ON Semiconductor NCP1216D100 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NCP1216, NCP1216A
http://onsemi.com
3
Q
Set
Reset
1 V
HV
1
2
3
4
5
6
7
8
Drv
GND
NC
Current
Sense
Adj
FB
Skip Cycle Comparator
1.1 V
Overload?
Fault Duration
20 k
19 k
Clock Jittering
57 k
25 k
96 k
25 k
5 V
Figure 2. Internal Circuit Architecture
+
+
Pull−up Resistor
UVLO High and Low
Internal Regulator
HV Current Source
Q Flip−Flop
DCmax = 75%
Reset
65 kHz
100 kHz
133kHz
Ramp
Compensation
+
Vref
220 ns
L.E.B
$500 mA
VCC
Internal VCC
1 ms SS*
* Available for ”A” version only.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage, VCC Pin
VCC
16
V
Maximum Voltage on Low Power Pins (except Pin 8 and Pin 6)
−0.3 to 10
V
Maximum Voltage on Pin 8 (HV), Pin 6 (VCC) Decoupled to Ground with 10 mF
500
V
Maximum Voltage on Pin 8 (HV), Pin 6 (VCC) Grounded
450
V
Minimum Operating Voltage on Pin 8 (HV)
30
V
Maximum Current into all Pins except VCC (Pin 6) and HV (Pin 8) when 10 V ESD
Diodes are Activated
5.0
mA
Thermal Resistance Junction−to−Air, PDIP−7 Version
Thermal Resistance Junction−to−Air, SOIC−8 Version
RqJ−A
RqJ−A
100
178
°C/W
Maximum Junction Temperature
TJMAX
150
°C
Temperature Shutdown
TSD
155
°C
Hysteresis in Shutdown
30
°C
Storage Temperature Range
−60 to +150
°C
ESD Capability, HBM Model (All Pins except VCC and HV)
2.0
kV
ESD Capability, Machine Model
200
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.


Similar Part No. - NCP1216D100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216D100R2G ONSEMI-NCP1216D100R2G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216D100R2G ONSEMI-NCP1216D100R2G Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216D100R2G ONSEMI-NCP1216D100R2G Datasheet
397Kb / 18P
   PWM Current-Mode Controller
May, 2016 ??Rev. 16
More results

Similar Description - NCP1216D100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217A ONSEMI-NCP1217A_15 Datasheet
305Kb / 19P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
April, 2015 ??Rev. 9
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com