Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS83-351V-VCR Datasheet(PDF) 1 Page - Copal Electronics

Part # PS83-351V-VCR
Description  PRESSURE SWITCHES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS83-351V-VCR Datasheet(HTML) 1 Page - Copal Electronics

  PS83-351V-VCR Datasheet HTML 1Page - Copal Electronics PS83-351V-VCR Datasheet HTML 2Page - Copal Electronics PS83-351V-VCR Datasheet HTML 3Page - Copal Electronics PS83-351V-VCR Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
O Solidstate pressure switch with no mechanical moving parts
O High corrosion resistance by double diaphragm structure
O Two pressure setting points
O Wide pressure medium compatibility
O Can be attached with a VCR® fitting
FEATURES
MODEL NUMBER DESIGNATION
P S 8 3 - 1 0 2 G - VCR
Series name
Rated pressure range
351
:0 ~ 34.3 kPa {0 ~ 0.35 kgf/cm2}
501
:0 ~ 49.0 kPa {0 ~ 0.5 kgf/cm2}
102
:0 ~ 98.1 kPa {0 ~
1 kgf/cm2}
352
:0 ~ 343 kPa {0 ~ 3.5 kgf/cm2}
103
:0 ~ 981 kPa {0 ~ 10 kgf/cm2}
Pressure reference
G
:Gauge
V
:Gauge (Vacuum)
A
:Absolute
Fitting
Blank
G1/8
R2
R1/4
VCR
VCR
PRESSURE SWITCHES
PS83
※ Please refer to the LIST OF MODEL NUMBERS when placing orders.
※ VCR® is a registered trade name of Cajon Co.
CAJON® is a registered trade name of Swagelok Co.
Note: For handling of VCR fittings, please contact a service center of Swagelok Co.
Part name
Material
Housing
“O” ring(P15 or P12.5)
Sealed liquid
Compensation resistor board
Fitting
1
2
3
4
5
1
2
53
4
Aluminum
Fluoro-rubber
SUS 316L
Ceramic
Silicone oil
INTERNAL STRUCTURE (G 1/8)


Similar Part No. - PS83-351V-VCR

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8302 CEL-PS8302 Datasheet
614Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS8302L CEL-PS8302L Datasheet
223Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8302L RENESAS-PS8302L Datasheet
234Kb / 18P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS8302L CEL-PS8302L Datasheet
614Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS8302L-AX CEL-PS8302L-AX Datasheet
223Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS83-351V-VCR

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
   PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
   PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
   PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
   PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
   PRESSURE SWITCHES
logo
Systemsensor advanced i...
EPS120-1 SYSTEMSENSOR-EPS120-1 Datasheet
160Kb / 2P
   Supervisory Pressure Switches
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
PSW-200 ETC-PSW-200 Datasheet
273Kb / 2P
   INDUSTRIAL PRESSURE SWitCHes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com