Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PG-200 Datasheet(PDF) 4 Page - Copal Electronics

Part No. PG-200
Description  DIGITAL PRESSURE GAUGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-200 Datasheet(HTML) 4 Page - Copal Electronics

  PG-200 Datasheet HTML 1Page - Copal Electronics PG-200 Datasheet HTML 2Page - Copal Electronics PG-200 Datasheet HTML 3Page - Copal Electronics PG-200 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
[Stand-alone type]
[Panel type]
[Stand-alone type]
  Proceed on the PC boad inside the main body.
The external power models have
power voltage of 10-24 Vdc set at
default. To operate your Pressure
Gauge with 5-10 Vdc, change the
internal terminal block wiring.
・COM.
・SW.OUT HI
・COM.
・SW.OUT LO
・5∼10V
・COM.
・10∼24V
External power models
Select one of the terminal blocks for connection depending on the power
voltage. Do not apply any voltage exceeding the voltage range. For output
wiring, use thinner wire than AWG26.
2
[Panel type]
ÄOptions(see Table 2)……
a.Internal battery
 Type…Lithium battery, ER6VM.
 Serviceable time…One year(9000 hours), continuously operable.
          Has a battery change indicator BATT.
b.External power source
 Input voltage …………5∼10 or 10∼24 Vdc(see Table 2).
 Current consumption…Less than 20mA.
c.Analog voltage output
 Output voltage ………0∼1V,not isolated.
 Accuracy ………………±5%F.S.,which is added to main accuracy.
 Load resistance ………Higher than 1 kohm.
¸Mounting onto panel
Cut a hole out as shown in the panel cut drawing above.Forcibly put the
main body into the cut hole. The hook will fix the main body to the panel.
¹Removing out of panel
Draw the main body out of the panel while nipping the hook between your
thumb and middle fingers.
At default
Black Red
Battery
(−P)
Exterminal power
(−3−P)
1
Switch output HI
Voltage output
Switch output LO
Switch output HI
Power source
23456
Exterminal power
(−1−P)
Switch output HI Switch output LO
Power source
+−+−
+−+−+−
+−+−+−
5∼10V
10∼24V
COM.
Terminal block of 6 pins
・COM.
・Output voltage
§
2. Exterminal Dimensions tolerance(±0.5mm)
§
3. Terminal Wiring
72
40
69.5
+0.5
0
Unit of display
Pressure port
M5, depth 5
Panel cut
Panel thickness
(1∼2.5mm)
Panel montng hook
13
72
40
13.5
R1/4
(PT1/4)
M5(P=0.8)depth6
Unit of display
11.5
28.5


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn