Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9150DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9150DY
Description  Synchronous Buck Converter Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9150DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9150DY Datasheet HTML 1Page - Vishay Siliconix SI9150DY Datasheet HTML 2Page - Vishay Siliconix SI9150DY Datasheet HTML 3Page - Vishay Siliconix SI9150DY Datasheet HTML 4Page - Vishay Siliconix SI9150DY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si9150
Vishay Siliconix
www.vishay.com
2
Document Number: 70020
S-40752—Rev. F, 19-Apr-04
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to GND.
VDD
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ISENSE Input
−2 V to VDD +2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All Other Inputs
−0.3 to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
P-Gate, N-Gate Continuous Source/Sink Current
50 mA
. . . . . . . . . . . . . . . .
Storage Temperature
−65 to 125_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)a
14-Pin SOIC (Y Suffix)b
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Impedance (QJA)
14-Pin SOIC
140_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 7.2 mW/_C.
SPECIFICATIONSa
Test Conditions
Unless Otherwise Specified
Limits
C Suffix 0 to 70_C
Limits
D Suffix −40 to 85_C
Parameter
Symbol
Unless Otherwise Specified
6.0 v VDD v 16.5 V
Minb
Typc
Maxb
Minb
Typc
Maxb
Unit
Reference
Output Voltage
VREF
TA = 25_C
Measured at Feedbacke Pin 5
2.45
2.50
2.55
2.45
2.50
2.55
V
Output Voltage
VREF
TMIN to TMAXd
2.425
2.500
2.575
2.40
2.500
2.60
V
Oscillator
Maximum Frequency
fMAX
COSC =94.3 pF, ROSC = 28.7 kW
TA = 25_Cf
255
300
345
255
300
345
kHz
Initial Accuracy
fOSC
COSC =212 pF, ROSC = 41.2 kW
TA = 25_Cf
85
100
115
85
100
115
kHz
Oscillator Ramp Amplitude
VOSC
TA = 25_C, 100 kHz
2.05
2.65
2.85
2.05
2.65
2.85
V
Temperature Stabilityd
fTEMP
VDD = 10 V, TMIN to TMAX
−5
"3
+5
−6
"4
+6
%
Error Amplifier
Input BIAS Current
IB
VFB = VREF
25
500
25
750
nA
Open Loop Voltage Gaind
AVOL
60
72
58
72
dB
Offset Voltage
VOS
10
25
10
30
mV
Unity Gain Bandwidthd
BW
1
1.5
1
1.5
MHz
Output Current
IOUT
Source, VCOMP = 2.50 V
−0.30
−0.20
−0.30
−0.15
mA
Output Current
IOUT
Sink, VCOMP = 1.0 V
1
2.5
0.9
2.5
mA
Power Supply Rejection
PSRR
50
70
48
70
dB
Protection
Current Limit
Threshold Voltage
VCL
TA = 25_C, VDD = 10 V
0.43
0.49
0.55
0.43
0.49
0.55
V
Current Limit
Delay to Outputd
td
TA = 25_C
500
1000
500
1000
ns
Undervoltage
Lockout Voltage
VUVLO
Upper Threshold
5.4
5.7
6.0
5.38
5.7
6.01
V
Undervoltage Hysteresis
VHYS
0.10
0.17
0.25
0.10
0.17
0.26
V
Softstart Pull-Up Current
ISS
20
20
mA
Supply
Supply Current
(Enable Low)
IOFF
60
100
60
100
mA
Supply Current
(Enable High)
ICC
CL = 0 pF, fOSC = 100 kHz
VDD = 10 V
2.2
3.0
2.2
3.0
mA
Supply Current (STBY Low)
ISB
300
500
300
550
mA


Similar Part No. - SI9150DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9100 VISHAY-SI9100 Datasheet
88Kb / 8P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9100 VISHAY-SI9100 Datasheet
182Kb / 11P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9100DJ02 VISHAY-SI9100DJ02 Datasheet
88Kb / 8P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9100DJ02-E3 VISHAY-SI9100DJ02-E3 Datasheet
88Kb / 8P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9100DN02 VISHAY-SI9100DN02 Datasheet
88Kb / 8P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
More results

Similar Description - SI9150DY

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9611MUV-EVK-001 ROHM-BD9611MUV-EVK-001 Datasheet
1Mb / 11P
   Synchronous Buck Converter Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Linear Technology
LTC1436-PLL LINER-LTC1436-PLL Datasheet
280Kb / 12P
   Synchronous Buck Converter with Versatile Frequency Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
   Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
   Synchronous Buck Controller
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com