Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9102DN02 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9102DN02
Description  3-W High-Voltage Switchmode Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9102DN02 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9102DN02 Datasheet HTML 1Page - Vishay Siliconix SI9102DN02 Datasheet HTML 2Page - Vishay Siliconix SI9102DN02 Datasheet HTML 3Page - Vishay Siliconix SI9102DN02 Datasheet HTML 4Page - Vishay Siliconix SI9102DN02 Datasheet HTML 5Page - Vishay Siliconix SI9102DN02 Datasheet HTML 6Page - Vishay Siliconix SI9102DN02 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Si9102
Vishay Siliconix
www.vishay.com
4
Document Number: 70001
S-42040—Rev. G, 15-Nov-04
TIMING WAVEFORMS
DRAIN
SOURCE
0
0
DRAIN
0
0
0
RESET
0
VCC
VCC
VCC
VCC
SHUTDOWN
SHUTDOWN
VCC
10%
1.5 V −
50%
10%
50%
50%
50%
50%
50%
td
tr v 10 ns
tSW
tLW
tRW
tf v 10 ns
tSD
tr, tf v 10 ns
50%
FIGURE 1.
FIGURE 2.
FIGURE 3.
TYPICAL CHARACTERISTICS
VCC = −VIN
+VIN vs. +IIN at Start-Up
Output Switching Frequency
vs. Oscillator Resistance
1 M
10 k
100 k
10 k
100 k
1 M
140
120
100
80
60
40
20
0
10
15
20
+IIN (mA)
FIGURE 4.
FIGURE 5.
rOSC − Oscillator Resistance (W)


Similar Part No. - SI9102DN02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9102DN02 VISHAY-SI9102DN02 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
SI9102DN02-E3 VISHAY-SI9102DN02-E3 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
SI9102DN02-T1 VISHAY-SI9102DN02-T1 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
SI9102DN02-T1-E3 VISHAY-SI9102DN02-T1-E3 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
More results

Similar Description - SI9102DN02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
SI9100 VISHAY-SI9100 Datasheet
88Kb / 8P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9100 VISHAY-SI9100_V01 Datasheet
182Kb / 11P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9102 VISHAY-SI9102_V01 Datasheet
155Kb / 10P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9108 VISHAY-SI9108_04 Datasheet
213Kb / 12P
   1-W High-Voltage Switchmode Regulator
Rev. B,15-Nov-04
SI9105 VISHAY-SI9105_07 Datasheet
305Kb / 11P
   1-W High-Voltage Switchmode Regulator
Rev. I, 19-Mar-07
SI9105 VISHAY-SI9105 Datasheet
76Kb / 7P
   1-W High-Voltage Switchmode Regulator
Rev. H, 15-Nov-04
SI9108 VISHAY-SI9108 Datasheet
100Kb / 5P
   1-W High-Voltage Switchmode Regulator
Rev. A, 05-Apr-99
SI9105 VISHAY-SI9105_V01 Datasheet
201Kb / 11P
   1-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com