Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9100DN02 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI9100DN02
Description  3-W High-Voltage Switchmode Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9100DN02 Datasheet(HTML) 7 Page - Vishay Siliconix

  SI9100DN02 Datasheet HTML 1Page - Vishay Siliconix SI9100DN02 Datasheet HTML 2Page - Vishay Siliconix SI9100DN02 Datasheet HTML 3Page - Vishay Siliconix SI9100DN02 Datasheet HTML 4Page - Vishay Siliconix SI9100DN02 Datasheet HTML 5Page - Vishay Siliconix SI9100DN02 Datasheet HTML 6Page - Vishay Siliconix SI9100DN02 Datasheet HTML 7Page - Vishay Siliconix SI9100DN02 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Si9100
Vishay Siliconix
Document Number: 70000
S-42041—Rev. G, 15-Nov-04
www.vishay.com
7
APPLICATIONS
−48 V
150 k
8
7
6
10
390 k
15
9
4
14
13
3
3.3 k
300 k
MPSA93
10 k
TL
431C
3.9 k
1N5806
10 k
1%
5 k
GND
+5 V
200 mA
Si9100DJ
10 k
1%
R1
R3
R4
R5
R6
R7
R8
R9
R10
Q1
CR1
U1
U2
2
L1
150 mH
@ 0.2 ADC
C5
220 mF
10 V
C6
0.1 mF
C3
1 mF
C2
0.1 mF
C7
0.1
mF
C8
0.1
mF
C1
20 mF
R2
1 W
1/2 W
FIGURE 6.
Buck-Boost, Non-Isolated 1-W Supply
−48 V
150 k
8
7
6
10
390 k
15
9
4
14
13
3
3.3 k
300 k
L1
MPSA93
10 k
TL
431C
3.9 k
1N5806
10 k
1%
5 k
GND
−5 V
200 mA
Si9100DJ
10 k
1%
R1
R3
R4
R5
R6
R7
R8
R9
R10
Q1
CR1
U1
U2
2
150 mH
@ 0.2 ADC
C5
220 mF
10 V
C6
0.1 mF
C3
1 mF
C2
0.1
mF
C7
0.1
mF
C8
0.1
mF
C1
20 mF
R2
1 W
1/2 W
−5 V
FIGURE 7.
Non-Isolated 1-W Supply (Buck)


Similar Part No. - SI9100DN02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9100 VISHAY-SI9100 Datasheet
182Kb / 11P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9100 VISHAY-SI9100_V01 Datasheet
182Kb / 11P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
More results

Similar Description - SI9100DN02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
   3-W High-Voltage Switchmode Regulator
Rev. H, 19-Mar-07
SI9100 VISHAY-SI9100_V01 Datasheet
182Kb / 11P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9102 VISHAY-SI9102 Datasheet
76Kb / 7P
   3-W High-Voltage Switchmode Regulator
Rev. G, 15-Nov-04
SI9102 VISHAY-SI9102_V01 Datasheet
155Kb / 10P
   3-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9108 VISHAY-SI9108_04 Datasheet
213Kb / 12P
   1-W High-Voltage Switchmode Regulator
Rev. B,15-Nov-04
SI9105 VISHAY-SI9105_07 Datasheet
305Kb / 11P
   1-W High-Voltage Switchmode Regulator
Rev. I, 19-Mar-07
SI9105 VISHAY-SI9105 Datasheet
76Kb / 7P
   1-W High-Voltage Switchmode Regulator
Rev. H, 15-Nov-04
SI9108 VISHAY-SI9108 Datasheet
100Kb / 5P
   1-W High-Voltage Switchmode Regulator
Rev. A, 05-Apr-99
SI9105 VISHAY-SI9105_V01 Datasheet
201Kb / 11P
   1-W High-Voltage Switchmode Regulator
01-Jan-2022
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
   High-Voltage Switchmode Regulator
Rev. B, 16-Apr-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com