Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL610Q439-02 Datasheet(PDF) 3 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL610Q439-02
Description  8-bit Microcontroller with a Built-in LCD driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL610Q439-02 Datasheet(HTML) 3 Page - LAPIS Semiconductor Co., Ltd.

  FEDL610Q439-02 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. FEDL610Q439-02 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. FEDL610Q439-02 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. FEDL610Q439-02 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. FEDL610Q439-02 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDL610Q439-02 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL610Q439-02 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL610Q439-02 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL610Q439-02 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
FEDL610Q438-04
ML610Q438/ML610Q439
3/39
• Reset
− Reset through the RESET_N pin
− Power-on reset generation when powered on
− Reset when oscillation stop of the low-speed clock is detected
− Reset by the watchdog timer (WDT) overflow
• Power supply voltage detect function
− Judgment voltages:
One of 16 levels
− Judgment accuracy:
±2% (Typ.)
• Clock
− Low-speed clock: (This LSI can not guarantee the operation withoug low-speed clock)
Crystal oscillation (32.768 kHz)
− High-speed clock:
Built-in RC oscillation (2M/500kHz)
Built-in PLL oscillation (8.192 MHz
±2.5%), crystal/ceramic oscillation (4.096 MHz), external clock
− Selection of high-speed clock mode by software:
Built-in RC oscillation, built-in PLL oscillation, crystal/ceramic oscillation, external clock
• Power management
− HALT mode: Instruction execution by CPU is suspended (peripheral circuits are in operating states).
− STOP mode: Stop of low-speed oscillation and high-speed oscillation (Operations of CPU and peripheral circuits are
stopped.)
− Clock gear: The frequency of high-speed system clock can be changed by software (1/1, 1/2, 1/4, or 1/8 of the oscillation
clock)
− Block Control Function: Power down (reset registers and stop clock supply) the circuits of unused peripherals.
• Guaranteed operating range
− Operating temperature: −20°C to +70°C (non-P version)
−40°C to +85°C (P version)
− Operating voltage: V
DD = 1.1V to 3.6V, AVDD = 2.2V to 3.6V


Similar Part No. - FEDL610Q439-02

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL610Q431-01 LAPIS-FEDL610Q431-01 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q431-02 LAPIS-FEDL610Q431-02 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q431-03 LAPIS-FEDL610Q431-03 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q435-01 LAPIS-FEDL610Q435-01 Datasheet
777Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q435-02 LAPIS-FEDL610Q435-02 Datasheet
777Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - FEDL610Q439-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
   8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
   8-bit Microcontroller with a Built-in LCD driver
logo
List of Unclassifed Man...
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q421 ETC2-ML610Q421 Datasheet
601Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q477 ETC2-ML610Q477 Datasheet
433Kb / 31P
   8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610407 LAPIS-ML610407 Datasheet
385Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com