Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9072 Datasheet(PDF) 89 Page - Zarlink Semiconductor Inc

Part # MT9072
Description  Octal T1/E1/J1 Framer
Download  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072 Datasheet(HTML) 89 Page - Zarlink Semiconductor Inc

Back Button MT9072 Datasheet HTML 85Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 86Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 87Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 88Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 89Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 90Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 91Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 92Page - Zarlink Semiconductor Inc MT9072 Datasheet HTML 93Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 275 page
background image
MT9072
Data Sheet
89
Zarlink Semiconductor Inc.
14.0
Maintenance and Alarms
14.1
T1 Maintenance and Alarms
14.1.1
T1 Error Insertion
Six types of error conditions can be inserted into the transmit DS1 data stream through control bits, which are
located in address Y03 -Transmit Error Control Word. These error events include bipolar violation errors (BPVE),
CRC-6 errors (CRCE), Ft errors (FTE), Fs errors (FSE), payload errors (PERR) and a loss of signal condition
(LOSE). If LOSE is one the selected framer transmits an all zeros signal (no pulses) and zero code suppression is
overridden. If LOSE bit is zero, data is transmitted normally.
14.1.2
T1 Per Timeslot Control
There are 24 per timeslot control registers occupying a total of 24 unique addresses (Y90-YA7). Each register
controls a transmit timeslot and the equivalent channel data on DSTo. For example, register address Y90 of the first
per timeslot control register contains program control for transmit timeslot 0 and DSTo channel 0.
14.1.3
T1 Per Timeslot Looping
Any channel or combination of channels may be looped from transmit (sourced from DSTi) to receive (output on
DSTo) ST-BUS channels. When bit 4 (LTSL) in the Per Timeslot Control Word(Y90-YA7) is set the data from the
equivalent transmit channel is looped back onto the equivalent receive timeslot.
Any channel or combination of channels may be looped from receive (sourced from the line data) to transmit
(output onto the line) channels. When bit 5 (RTSL) in the Per Timeslot Control Word is set the data from the
equivalent receive timeslot is looped back onto the equivalent transmit timeslot.
Counter
Source Interrupt Status Bits
1 Second Latch
Description
Bits
Address
Bit
Indication Overflow Description
Bit
Address
PRBS Error Counter PEC7-0
Y15
PEI
PEO
NA
NA
NA
PRBS CRC-4 MF
Counter
PCC7-0
Y15
CALN
NA
PCO
NA
NA
NA
Loss of Sync
Counter
SLC7-0
Y16
BSYNC
BSYNC
SLO
NA
NA
NA
E-bit Error Counter
EEC15-0
Y17
REB1
REB2
EEI
EEO
E-bit Error
Count Latch
EEL15-0
Y28
BPV Error Counter
VEC15-0
Y18
VEI
VEO
BPV Error
Count Latch
VEL15-0
Y29
CRC-4 Error
Counter
CEC15-0
Y19
CRCS1
CRCS2
CEI
CEO
CRC-4 Error
Count Latch
CEL15-0
Y2A
FAS Bit Error
Counter
BEC7-0
Y1A
BEI
BEO
FAS Bit Error
Count Latch
BEL7-0
Y2B
FAS Error Counter
FEC7-0
Y1A
FEI
FEO
FAS Error
Count Latch
FEL7-0
Y2B
Table 43 - Error Counter and Event Dependency (E1)


Similar Part No. - MT9072

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT907-PRSS MARKTECH-MT907-PRSS Datasheet
106Kb / 1P
   Visible Light Emitting Diode
logo
Mitel Networks Corporat...
MT90710 MITEL-MT90710 Datasheet
113Kb / 12P
   High-Speed Isochronous Multiplexer
MT90710AP MITEL-MT90710AP Datasheet
113Kb / 12P
   High-Speed Isochronous Multiplexer
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
MT90732AP MITEL-MT90732AP Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
More results

Similar Description - MT9072

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
   OCTAL T1/E1/J1 FRAMER
logo
Integrated Device Techn...
IDT82V2108 IDT-IDT82V2108 Datasheet
1Mb / 272P
   T1 / E1 / J1 OCTAL FRAMER
logo
Renesas Technology Corp
IDT82V2108 RENESAS-IDT82V2108 Datasheet
1Mb / 293P
   T1 / E1 / J1 Octal Framer
November 26, 2012
logo
Dallas Semiconductor
DS26401 DALLAS-DS26401 Datasheet
1Mb / 309P
   Octal T1/E1/J1 Framer
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38 Datasheet
4Mb / 451P
   OCTAL T1/E1/J1 FRAMER
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_2 Datasheet
2Mb / 160P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_1 Datasheet
1Mb / 66P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VX38IB329-F EXAR-XRT86VX38IB329-F Datasheet
382Kb / 61P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com