Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5433DC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI5433DC
Description  P-Channel 20-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5433DC Datasheet(HTML) 1 Page - Vishay Siliconix

  SI5433DC Datasheet HTML 1Page - Vishay Siliconix SI5433DC Datasheet HTML 2Page - Vishay Siliconix SI5433DC Datasheet HTML 3Page - Vishay Siliconix SI5433DC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si5433DC
Vishay Siliconix
Document Number: 71233
S-21251—Rev. B, 05-Aug-02
www.vishay.com
2-1
P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
0.040 @ VGS =--4.5 V
--6.7
--20
0.052 @ VGS =--2.5 V
--5.9
0.072 @ VGS =--1.8 V
--5.0
1206-8 ChipFETt
D
D
D
G
D
D
D
S
1
S
G
D
P-Channel MOSFET
Bottom View
Marking Code
BD XX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si5433DC-T1
ABSOLUTE MAXIMUM RATINGS (TA =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
--20
V
Gate-Source Voltage
VGS
8
V
Continuous Drain Current (TJ = 150_C)a
TA =25_C
ID
--6.7
--4.8
Continuous Drain Current (TJ = 150_C)a
TA =85_C
ID
--4.8
--3.5
A
Pulsed Drain Current
IDM
--20
A
Continuous Source Currenta
IS
--2.1
--1.1
Maximum Power Dissipationa
TA =25_C
PD
2.5
1.3
W
Maximum Power Dissipationa
TA =85_C
PD
1.3
0.7
W
Operating Junction and Storage Temperature Range
TJ,Tstg
--55 to 150
_
C
Soldering Recommendations (Peak Temperature)b, c
260
_
C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
M i
J
ti
t A bi ta
t ≤ 5sec
R
40
50
Maximum Junction-to-Ambienta
Steady State
RthJA
80
95
_
C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
15
20
C/
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation
process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder intercon-
nection.
c.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.


Similar Part No. - SI5433DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5433BDC VISHAY-SI5433BDC Datasheet
64Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev.A, 13-Dec-04
SI5433BDC VISHAY-SI5433BDC Datasheet
93Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev.A, 13-Dec-04
SI5433BDC-T1-E3 VISHAY-SI5433BDC-T1-E3 Datasheet
93Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev.A, 13-Dec-04
SI5433BDC VISHAY-SI5433BDC_08 Datasheet
93Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev.A, 13-Dec-04
More results

Similar Description - SI5433DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com