Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4947DY Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SI4947DY
Description  Dual P-Channel 30-V (D-S) Rated MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4947DY Datasheet(HTML) 4 Page - Vishay Siliconix

  SI4947DY Datasheet HTML 1Page - Vishay Siliconix SI4947DY Datasheet HTML 2Page - Vishay Siliconix SI4947DY Datasheet HTML 3Page - Vishay Siliconix SI4947DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Si4947DY
4
Siliconix
S-49520—Rev. C, 18-Dec-96
Typical Characteristics (25
_C Unless Otherwise Noted)
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
2
1
0.1
0.01
10–4
10–3
10–2
10–1
110
30
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 62.5_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
Notes:
4. Surface Mounted
PDM
t2
Square Wave Pulse Duration (sec)
Single Pulse Power
Time (sec)
30
25
20
15
10
5
0
0.01
0.1
1
10
30
0
0.1
0.2
0.3
0.4
0.5
02468
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–50
–25
0
25
50
75
100
125
150
1
10
20
ID = 2.5 A
ID = 250 mA
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
TJ – Temperature (_C)
TJ = 25_C
TJ = 150_C


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI4953ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI7943DP Dual P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix
AF4901P Dual P-Channel 30-V D-S Common Drain MOSFET 1  2  3  Anachip Corp
SI4925BDY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4923DY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI7941DP Dual P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix
SI6991DQ Dual P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI6543DQ Dual N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4947ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI4921DY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn