Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5461B-1TP Datasheet(PDF) 7 Page - Keysight Technologies

Part # N5461B-1TP
Description  Infiniium S-Series High-Definition Oscilloscopes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5461B-1TP Datasheet(HTML) 7 Page - Keysight Technologies

Back Button N5461B-1TP Datasheet HTML 3Page - Keysight Technologies N5461B-1TP Datasheet HTML 4Page - Keysight Technologies N5461B-1TP Datasheet HTML 5Page - Keysight Technologies N5461B-1TP Datasheet HTML 6Page - Keysight Technologies N5461B-1TP Datasheet HTML 7Page - Keysight Technologies N5461B-1TP Datasheet HTML 8Page - Keysight Technologies N5461B-1TP Datasheet HTML 9Page - Keysight Technologies N5461B-1TP Datasheet HTML 10Page - Keysight Technologies N5461B-1TP Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
07 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet
Oscilloscope Overview
With up to 8 GHz bandwidth, 20 GSa/s
sample rate, a 10-bit ADC, and a low-noise
front-end, see a precise representation of
the analog characteristics of the signals
you’re testing.
Noise directly impacts vertical placement of each signal point.
Oscillocopes with lower noise have more accurate vertical
placement. S-Series oscilloscopes incorporate next-generation
technology to deliver the lowest noise measurements in the
industry. Here’s a compare at 4 GHz with 5 mV/div scaling.
Superior signal integrity allows for more accurate measurements
such as rise time values. Extremely low intrinsic jitter (100 fs)
ensures the lowest possible contribution to jitter measurements
from the scope itself so you’re using your jitter budget on your
design.


Similar Part No. - N5461B-1TP

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5461B KEYSIGHT-N5461B Datasheet
1Mb / 10P
   Serial Data Equalization Software
More results

Similar Description - N5461B-1TP

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
MSOS804A KEYSIGHT-MSOS804A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS204A KEYSIGHT-MSOS204A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS104A KEYSIGHT-DSOS104A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS254A KEYSIGHT-DSOS254A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS404A KEYSIGHT-DSOS404A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS204A KEYSIGHT-DSOS204A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS054A KEYSIGHT-MSOS054A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS104A KEYSIGHT-MSOS104A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS254A KEYSIGHT-MSOS254A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS404A KEYSIGHT-MSOS404A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com