Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3211 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SI3211
Description  PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3211 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SI3211 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3211 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3211 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3211 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3211 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3211 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3211 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3211 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3211 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 122 page
background image
Si3210/Si3211/Si3212
Preliminary Rev. 1.11
5
Table 3. AC Characteristics
(VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70°C for K-Grade, –40 to 85°C for B-Grade)
Parameter
Test Condition
Min
Typ
Max
Unit
TX/RX Performance
Overload Level
THD = 1.5%
2.5
VPK
Single Frequency Distortion1
2-wire – PCM or
PCM – 2-wire:
200 Hz–3.4 kHz
–45
dB
Signal-to-(Noise + Distortion) Ratio2
200Hz to 3.4kHz
D/A or A/D 8-bit
Active off-hook, and OHT,
any ZAC
Figure 1
Audio Tone Generator
Signal-to-Distortion Ratio2
0 dBm0, Active off-hook,
and OHT, any Zac
45
dB
Intermodulation Distortion
–41
dB
Gain Accuracy2
2-wire to PCM, 1014 Hz
–0.5
0
0.5
dB
PCM to 2-wire, 1014 Hz
–0.5
0
0.5
dB
Gain Accuracy Over Frequency
Figure 3,4
Group Delay Over Frequency
Figure 5,6
Gain Tracking3
1014 Hz sine wave, refer-
ence level –10 dBm
signal level:
3 dB to –37 dB
–0.25
0.25
dB
–37 dB to –50 dB
–0.5
0.5
dB
–50 dB to –60 dB
–1.0
1.0
dB
Round-Trip Group Delay
at 1000 Hz
1100
µs
Gain Step Accuracy
–6 dB to 6 dB
–0.017
0.017
dB
Gain Variation with Temperature
All gain settings
–0.25
0.25
dB
Gain Variation with Supply
VDDA = VDDA = 3.3/5 V ± 5%
–0.1
0.1
dB
2-Wire Return Loss
200 Hz to 3.4 kHz
30
35
dB
Transhybrid Balance
300 Hz to 3.4 kHz
30
dB
Noise Performance
Idle Channel Noise4
C-Message Weighted
15
dBrnC
Psophometric Weighted
–75
dBmP
3 kHz flat
18
dBrn
PSRR from VDDA
RX and TX, DC to 3.4 kHz
40
dB
PSRR from VDDD
RX and TX, DC to 3.4 kHz
40
dB
PSRR from VBAT
RX and TX, DC to 3.4 kHz
40
dB


Similar Part No. - SI3211

ManufacturerPart #DatasheetDescription
logo
Silicon image
Si3211 SILICONIMAGE-Si3211 Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3211 SILABS-SI3211 Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3211 SILABS-SI3211 Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
SI3211-E-FM SILABS-SI3211-E-FM Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
SI3211-E-FT SILABS-SI3211-E-FT Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
More results

Similar Description - SI3211

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com