Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2D16R Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

Part # 2D16R
Description  D and DO fuse links and bases
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

2D16R Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

Back Button 2D16R Datasheet HTML 3Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 4Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 5Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 6Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 7Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 8Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 9Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 10Page - Cooper Bussmann, Inc. 2D16R Datasheet HTML 11Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Technical Data 4124
Effective March 2015
Bussmann series
D and DO fuse links and bases
EATON www.eaton.com
+
+
Fitting example
CD27
Screw cap fuse
link carrier
10D27
Fuse link
10GD27
Screw cap
gauge piece
SFD27
Fuse base
panel mount
+
+
TFRD
Rated current
(Amps)
A
B
C
D
E
F
G
H
TFRD27
41
121 44
47
60
30
4.3
50
TFRD33
43
148 44
47
56
32
4.3
62
TFRD Dimensions - mm


Similar Part No. - 2D16R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
2D16 COOPER-2D16 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
GAPTEC Electronic GmbH ...
2D16A GAPTEC-2D16A Datasheet
803Kb / 3P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & ULTRAMINIATURE SMD PACKAGE
2D16A_0505S6UP GAPTEC-2D16A_0505S6UP Datasheet
803Kb / 3P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & ULTRAMINIATURE SMD PACKAGE
2D16A_0512S6UP GAPTEC-2D16A_0512S6UP Datasheet
803Kb / 3P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & ULTRAMINIATURE SMD PACKAGE
2D16A_0515S6UP GAPTEC-2D16A_0515S6UP Datasheet
803Kb / 3P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & ULTRAMINIATURE SMD PACKAGE
More results

Similar Description - 2D16R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SB1XL-S COOPER-SB1XL-S Datasheet
137Kb / 3P
   XL Fuse bases for XL Style photovoltaic fuse links
TI600 COOPER-TI600 Datasheet
50Kb / 1P
   Indicator System and Fuse Bases (Blocks)
C5268-1 COOPER-C5268-1 Datasheet
55Kb / 1P
   Fuse Bases (Blocks)
170H3003 COOPER-170H3003 Datasheet
59Kb / 1P
   Fuse Bases (Blocks)
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
logo
Systemsensor advanced i...
B224RB SYSTEMSENSOR-B224RB Datasheet
112Kb / 2P
   Intelligent Relay and Isolator Bases
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com