Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TD3-D Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part No. TD3-D
Description  NH bases
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COOPER [Cooper Bussmann, Inc.]
Homepage  http://www.cooperbussmann.com
Logo 

TD3-D Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Technical Data 10163
Effective March 2015
Bussmann series
NH bases
EATON www.eaton.com
Phase barrier kit
Size
Current
(Amps)
Catalogue
numbers
Pack
quantity
Description
NH00
160
SD00-PB
1
2-Phase barriers
NH1
250
SD12-PB
1
2-Phase barriers and 2 ganging links
NH2
400
SD12-PB
1
NH3
630
SD3-PB
1
Phase barrier
Ganging link
IP Protection Kits
Size
Current
(Amps)
Catalogue
numbers
Fuse cover
Shroud
Phase
barrier
Ganging
link
Integral kit
Description
NH00
160
TD00-IP20
3
6
2
Triple pole protection kit for TD00-D with shrouds, fuse
covers and phase barriers
TD00-IP20I
1
Integral triple pole protection kit for TD00-DI with molded
shrouds and phase barriers
TD00-IP20IC 3
1
Integral triple pole protection kit for TD00-DI with fuse
covers and molded shrouds and phase barriers
NH1
250
TD1-IP20
3
6
2
2
Triple pole protection kit with terminal shrouds, fuse cover
phase barriers and ganging links
NH2
400
TD2-IP20
NH3
630
TD3-IP20
TD00-IP20
TD00-IP20I
TD00-IP20IC
TD(size 1 to 3)-IP20
Microswitch
Catalogue numbers Pack quantity
Ratings
BVL50
1
6 A 250 V a.c.
170H0236
12
2 A 250 V a.c.
170H0238
12
2A 250 V a.c.
Microswitch suitable for the following NH fuse links:
400 Volts gG/gL
500 Volts gG/gL and aM
690 Volts gG/gL and aM.
Note: Microswitches fit onto the fuse gripping lugs and are applicable to all NH size Bussmann fuses.
BVL50
170H0236
Accessories


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn