Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TD3-D Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part No. TD3-D
Description  NH bases
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COOPER [Cooper Bussmann, Inc.]
Homepage  http://www.cooperbussmann.com
Logo 

TD3-D Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Technical Data 10163
Effective March 2015
Bussmann series
NH bases
EATON www.eaton.com
Catalogue symbol
1-pole DIN-Rail and screw mounting: SD(size)-D
1-pole screw mounting only: SD(size)-S
3-pole DIN-Rail and screw mounting: TD(size)-D
Technical data
Rated voltage: 690 V a.c.
Rated current: 160 to 1600 A
Rated for fuse links with breaking capacity of 120 kA
Standard/Approvals
IEC 60269-1 and 2
VDE 0636-1 and 2
Packaging
1-pole: 3
3-pole and SD4: 1
Fuse base catalogue numbers
SD00-D
TD00-D
TD00-DI
SD1-D
TD1-D
SD2-D
TD2-D
SD3-D
TD3-D
SD4-S
SD4-S1600
Base
Glass filled PBT
Contacts
Silver plated copper
Screw, nuts and washers
Zinc clear plated steel
Derating temperature factors for
maximum current
 35°C
111111
40°C
0.95
0.95
0.95
0.95
0.95
0.95
50°C
0.85
0.85
0.85
0.85
0.85
0.85
Maximum power acceptance
12W
32W
45W
60W
110W
145W
Degree of protection with covers fitted
IP20
IP20
IP20
IP20
-
-
Terminal screw
M8
M10
M10
M12
M16
M16
Maximum tightening torque terminal screw
10N•m
32N•m
32N•m
32N•m
56N•m
56N•m
Fixing
DIN-Rail

Screw

With microswitch 16A/250V
Fuse operated signal

Operating temperature range
-20 to 70°C
Storage temperature range
-40 to 80°C
Technical data


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn