Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TD3-D Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part No. TD3-D
Description  NH bases
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COOPER [Cooper Bussmann, Inc.]
Homepage  http://www.cooperbussmann.com
Logo 

TD3-D Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Technical Data 10163
Effective March 2015
Bussmann series
NH bases
EATON www.eaton.com
Dimensions (mm) 1-pole, size 4
Size
Poles/Type
A
B
C
D
E
F
G
H
I
J
K
L
M
N
NH4
1-pole 1250A
295
255
90
52
105
47
122
M16x40
30
14
40
150
92
M12x40
1-pole 1600A
295
255
90
60
105
50
125
M16x40
30
14
40
150
92
M12x40
Dimensions (mm) 3-pole, size 00
Size
Poles/Type
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
NH00
3-pole
120
102
35.5
20
56
24
51
M8x20
25
8
-
103.5 34
146
89


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn