Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQXO-985 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # IQXO-985
Description  Crystal Clock Oscillator Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXO-985 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  IQXO-985 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXO-985 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IQXO-985
Crystal Clock Oscillator Specification
ISSUE 1; August 2016
Outline (mm)
Test Circuit
Description
1.6 x 1.2mm crystal oscillator in a ceramic package with a
seam sealed metal lid, hermetically sealed.
Frequency Parameters
Frequency
32.768kHz
Frequency Stability
±30.00ppm to ±100.00ppm
Frequency Stability: Includes Frequency Tolerance @ 25°C,
operating temperature range, supply voltage variation and load
variation.
Electrical Parameters
2.5V ±10%
Supply Voltage
Operating Temperature Ranges
-20 to 70°C
-40 to 85°C
Output Details
Output Compatability
CMOS
Drive Capability
15pF max
Output Voltage Levels:
Output Low (VoL): 10%Vs max
Output High (VoH): 90%Vs min
Start Up Time: TBD
Output Control
Stand-by Mode:
Logic '0' (30%Vs max) to pad 1 disables the oscillator output,
the output goes to a high impedance state.
Logic '1' (70%Vs min) or no connection to pad 1 enables
oscillator output.
Stand-by Current: 1.4μA typical 3μA max
Environmental Parameters
Storage Temperature Range: –40 to 85°C
Ordering Information
Frequency
Model*
Output
Frequency Stability*
Operating Temperature Range*
Supply Voltage
(*minimum required)
Example
32.768kHz IQXO-985
CMOS ±50ppm –20 to 70C 2.5V
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Printed on 31 Aug 16 16:08 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXO-985

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXO-985 IQD-IQXO-985 Datasheet
306Kb / 7P
   1.6 x 1.2mm crystal oscillator in a ceramic package with a seam sealed metal lid, hermetically sealed
More results

Similar Description - IQXO-985

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CXOXULP-1.8V IQD-CXOXULP-1.8V Datasheet
207Kb / 3P
   Crystal Clock Oscillator Specification
CXO-3.3V IQD-CXO-3.3V Datasheet
187Kb / 3P
   Crystal Clock Oscillator Specification
CXOXULP-3.3V IQD-CXOXULP-3.3V Datasheet
207Kb / 3P
   Crystal Clock Oscillator Specification
CXOXULPHT-3.3V IQD-CXOXULPHT-3.3V Datasheet
278Kb / 3P
   Crystal Clock Oscillator Specification
IQXO-430 IQD-IQXO-430 Datasheet
217Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-54-AUTO IQD-CFPS-54-AUTO Datasheet
191Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-64 IQD-CFPS-64 Datasheet
811Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-67 IQD-CFPS-67 Datasheet
407Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-72 IQD-CFPS-72 Datasheet
751Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-104 IQD-CFPS-104 Datasheet
342Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-108 IQD-CFPS-108 Datasheet
272Kb / 2P
   Crystal Clock Oscillator Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com