Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL123E-09HOI Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # PL123E-09HOI
Description  Low Skew Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123E-09HOI Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button PL123E-09HOI Datasheet HTML 2Page - Micrel Semiconductor PL123E-09HOI Datasheet HTML 3Page - Micrel Semiconductor PL123E-09HOI Datasheet HTML 4Page - Micrel Semiconductor PL123E-09HOI Datasheet HTML 5Page - Micrel Semiconductor PL123E-09HOI Datasheet HTML 6Page - Micrel Semiconductor PL123E-09HOI Datasheet HTML 7Page - Micrel Semiconductor PL123E-09HOI Datasheet HTML 8Page - Micrel Semiconductor PL123E-09HOI Datasheet HTML 9Page - Micrel Semiconductor PL123E-09HOI Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
(Preliminary)
PL123E-09
Low Skew Zero Delay Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 12/13/11 Page 10
ORDERING INFORMATION
Micrel Inc., reserves the right to make changes in its products or specifications, o r both at any time without notice. The information furnished by Micrel
is believed to be accurate and reliable. However, Micrel makes no guarantee or warranty concerning the accuracy of said info rmation and shall not be
responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: Micrel’s products are not authorized for use as critical components in life support devices or systems without the express
written approval of the President o f Micrel Inc.
For part ordering, please contact our Sales Department:
2180 Fortune Drive, San Jose, CA 95131, USA
Tel: (408) 944-0800 Fax: (408) 474-1000
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PL123E-09(H) X X - X
Part Number
H=High Drive
None = Standard Drive
Package Type
O=TSSOP
S=SOP
None=Tubes
R=Tape & Reel
Temperature Range
C=Commercial (0°C to 70°C)
I=Industrial (-40°C to 85°C)
Part/Order Number
Marking
Package Option
PL123E-09OC
P123E09
OC
LLLLL
16-Pin TSSOP Tube
PL123E-09OC-R
16-Pin TSSOP (Tape and Reel)
PL123E-09HOC
P123E09H
OC
LLLLL
16-Pin TSSOP Tube
PL123E-09HOC-R
16-Pin TSSOP (Tape and Reel)
PL123E-09SC
P123E09
SC
LLLLL
16-Pin SOP Tube
PL123E-09SC-R
16-Pin SOP (Tape and Reel)
PL123E-09HSC
P123E09H
SC
LLLLL
16-Pin SOP Tube
PL123E-09HSC-R
16-Pin SOP (Tape and Reel)
PL123E-09OI
P123E09
OI
LLLLL
16-Pin TSSOP Tube
PL123E-09OI-R
16-Pin TSSOP (Tape and Reel)
PL123E-09HOI
P123E09H
OI
LLLLL
16-Pin TSSOP Tube
PL123E-09HOI-R
16-Pin TSSOP (Tape and Reel)
PL123E-09SI
P123E09
SI
LLLLL
16-Pin SOP Tube
PL123E-09SI-R
16-Pin SOP (Tape and Reel)
PL123E-09HSI
P123E09H
SI
LLLLL
16-Pin SOP Tube
PL123E-09HSI-R
16-Pin SOP (Tape and Reel)
*Note:
LLLLL designates lot number


Similar Part No. - PL123E-09HOI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL123E-05HSC MICREL-PL123E-05HSC Datasheet
356Kb / 10P
   Low Skew Zero Delay Buffer
PL123E-05HSC-R MICREL-PL123E-05HSC-R Datasheet
356Kb / 10P
   Low Skew Zero Delay Buffer
PL123E-05HSI MICREL-PL123E-05HSI Datasheet
356Kb / 10P
   Low Skew Zero Delay Buffer
PL123E-05HSI-R MICREL-PL123E-05HSI-R Datasheet
356Kb / 10P
   Low Skew Zero Delay Buffer
PL123E-05SC MICREL-PL123E-05SC Datasheet
356Kb / 10P
   Low Skew Zero Delay Buffer
More results

Similar Description - PL123E-09HOI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
   Zero Delay, Low Skew Buffer
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
   ZERO DELAY, LOW SKEW BUFFER
072710
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
logo
Renesas Technology Corp
MK2308-2 RENESAS-MK2308-2 Datasheet
333Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
051310
logo
Integrated Circuit Syst...
MK2308-2 ICST-MK2308-2 Datasheet
121Kb / 5P
   ZERO DELAY LOW SKEW BUFFER
MK2304-2 ICST-MK2304-2 Datasheet
134Kb / 5P
   ZERO DELAY, LOW SKEW BUFFER
logo
Renesas Technology Corp
MK2304-2 RENESAS-MK2304-2 Datasheet
330Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
051310
logo
Integrated Circuit Syst...
ICS574 ICST-ICS574 Datasheet
55Kb / 4P
   Zero Delay, Low Skew Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com