Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL123E-09OC Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # PL123E-09OC
Description  Low Skew Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123E-09OC Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button PL123E-09OC Datasheet HTML 2Page - Micrel Semiconductor PL123E-09OC Datasheet HTML 3Page - Micrel Semiconductor PL123E-09OC Datasheet HTML 4Page - Micrel Semiconductor PL123E-09OC Datasheet HTML 5Page - Micrel Semiconductor PL123E-09OC Datasheet HTML 6Page - Micrel Semiconductor PL123E-09OC Datasheet HTML 7Page - Micrel Semiconductor PL123E-09OC Datasheet HTML 8Page - Micrel Semiconductor PL123E-09OC Datasheet HTML 9Page - Micrel Semiconductor PL123E-09OC Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
(Preliminary)
PL123E-09
Low Skew Zero Delay Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 12/13/11 Page 7
3.3V AND 2.5V AC ELECTRICAL SPECIFICATIONS (continued)
Description
Parameter
Test Conditions
Min
Typ
Max
Unit
Period Jitter, Peak[8,9]
TPER
3.3V, 66–100 MHz, <15 pF
75
ps
3.3V, >100 MHz, <15 pF
45
ps
3.3V, >66 MHz, <30 pF, Standard Drive
100
ps
3.3V, >66 MHz, <30 pF, High Drive
70
ps
2.5V, >66 MHz, <15 pF, Standard. Drive
60
ps
2.5V, 66–100 MHz, <15 pF, High Drive
60
ps
2.5V, >100 MHz, <15 pF, High Drive
45
ps
Notes:
7. For the given maximum loading conditions. See CL in Operating Conditions Table.
8. Parameter is guaranteed by design and characterization. Not 100% tested in production.
9. Typical jitter is measured at 3.3V or 2.5V, 29°C, with all outputs driven into the maximum specified load.


Similar Part No. - PL123E-09OC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL123E-05HSC MICREL-PL123E-05HSC Datasheet
356Kb / 10P
   Low Skew Zero Delay Buffer
PL123E-05HSC-R MICREL-PL123E-05HSC-R Datasheet
356Kb / 10P
   Low Skew Zero Delay Buffer
PL123E-05HSI MICREL-PL123E-05HSI Datasheet
356Kb / 10P
   Low Skew Zero Delay Buffer
PL123E-05HSI-R MICREL-PL123E-05HSI-R Datasheet
356Kb / 10P
   Low Skew Zero Delay Buffer
PL123E-05SC MICREL-PL123E-05SC Datasheet
356Kb / 10P
   Low Skew Zero Delay Buffer
More results

Similar Description - PL123E-09OC

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
   Zero Delay, Low Skew Buffer
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
   ZERO DELAY, LOW SKEW BUFFER
072710
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
logo
Renesas Technology Corp
MK2308-2 RENESAS-MK2308-2 Datasheet
333Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
051310
logo
Integrated Circuit Syst...
MK2308-2 ICST-MK2308-2 Datasheet
121Kb / 5P
   ZERO DELAY LOW SKEW BUFFER
MK2304-2 ICST-MK2304-2 Datasheet
134Kb / 5P
   ZERO DELAY, LOW SKEW BUFFER
logo
Renesas Technology Corp
MK2304-2 RENESAS-MK2304-2 Datasheet
330Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
051310
logo
Integrated Circuit Syst...
ICS574 ICST-ICS574 Datasheet
55Kb / 4P
   Zero Delay, Low Skew Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com