Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL500-37SC Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # PL500-37SC
Description  Low Phase Noise VCXO (36MHz to 130MHz)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL500-37SC Datasheet(HTML) 5 Page - Micrel Semiconductor

  PL500-37SC Datasheet HTML 1Page - Micrel Semiconductor PL500-37SC Datasheet HTML 2Page - Micrel Semiconductor PL500-37SC Datasheet HTML 3Page - Micrel Semiconductor PL500-37SC Datasheet HTML 4Page - Micrel Semiconductor PL500-37SC Datasheet HTML 5Page - Micrel Semiconductor PL500-37SC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
(Preliminary)
PL500-37
Low Phase Noise VCXO (36MHz to 130MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com Rev 09/09/05 Page 5
6. Jitter and Phase Noise Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
RMS Period Jitter
(1 sigma – 1000 samples)
With capacitive decoupling
between VDD and GND.
2.5
ps
Phase Noise relative to carrier
77.76MHz @100Hz offset
-100
dBc/Hz
Phase Noise relative to carrier
77.76MHz @1kHz offset
-125
dBc/Hz
Phase Noise relative to carrier
77.76MHz @10kHz offset
-142
dBc/Hz
Phase Noise relative to carrier
77.76MHz @100kHz offset
-150
dBc/Hz
Phase Noise relative to carrier
77.76MHz @1MHz offset
-152
dBc/Hz
PACKAGE INFORMATION (GREEN PACKAGE COM PLIANT)
SOP-8L
SOT23-6L
Symbol
Dimension in MM
Min.
Max.
A
1.35
1.75
A1
0.10
0.25
A2
1.25
1.50
B
0.33
0.53
C
0.19
0.27
D
4.80
5.00
E
3.80
4.00
H
5.80
6.20
L
0.40
0.89
e
1.27 BSC
Symbol
Dimension in MM
Min.
Max.
A
1.05
1.35
A1
0.05
0.15
A2
1.00
1.20
b
0.30
0.50
c
0.08
0.20
D
2.80
3.00
E
1.50
1.70
H
2.60
3.0
L
0.35
0.55
e
0.95 BSC
C
L
A2
E
H
D
A1
e
b
A
C
L
A2
E
H
D
A1
e
b
A
Pin1 Dot


Similar Part No. - PL500-37SC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL500-15 MICREL-PL500-15 Datasheet
307Kb / 5P
   Low Phase Noise VCXO (1MHz to 18MHz)
PL500-15DC MICREL-PL500-15DC Datasheet
307Kb / 5P
   Low Phase Noise VCXO (1MHz to 18MHz)
PL500-15SC MICREL-PL500-15SC Datasheet
307Kb / 5P
   Low Phase Noise VCXO (1MHz to 18MHz)
PL500-15SC-R MICREL-PL500-15SC-R Datasheet
307Kb / 5P
   Low Phase Noise VCXO (1MHz to 18MHz)
PL500-15TC-R MICREL-PL500-15TC-R Datasheet
307Kb / 5P
   Low Phase Noise VCXO (1MHz to 18MHz)
More results

Similar Description - PL500-37SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL500-37 PLL-PLL500-37 Datasheet
200Kb / 5P
   Low Phase Noise VCXO (36MHz to 130MHz)
PLL500-17B PLL-PLL500-17B Datasheet
205Kb / 5P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
Micrel Semiconductor
PL500-17 MICREL-PL500-17 Datasheet
321Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
PhaseLink Corporation
PLL500-17 PLL-PLL500-17 Datasheet
208Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
Abracon Corporation
ABV0017 ABRACON-ABV0017 Datasheet
62Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
03/21/05
logo
List of Unclassifed Man...
PLL500-17 ETC-PLL500-17 Datasheet
215Kb / 6P
   Low Phase Noise VCXO (17MHz to 36MHz)
logo
PhaseLink Corporation
P521-38 PLL-P521-38 Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (65MHz to 130MHz)
P521-39 PLL-P521-39 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (65MHz to 130MHz)
PLL520-40 PLL-PLL520-40 Datasheet
217Kb / 5P
   CMOS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
logo
Abracon Corporation
ABV2017 ABRACON-ABV2017 Datasheet
79Kb / 7P
   Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com