Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9168-50CSH Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RT9168-50CSH
Description  200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9168-50CSH Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RT9168-50CSH Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9168-50CSH Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9168-50CSH Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9168-50CSH Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9168-50CSH Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9168-50CSH Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9168-50CSH Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9168-50CSH Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9168-50CSH Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT9168/A
DS9168/A-03 May 2001
www.richtek-ic.com.tw
7
Applications Guides
Capacitor Selection and Regulator Stability
Like any low-dropout regulator, the external capacitors
used with the RT9168/A must be carefully selected for
regulator stability and performance.
Using a capacitor whose value is > 1
µF on the
RT9168/A input and the amount of capacitance can be
increased without limit. The input capacitor must be
located not more than 0.5" from the input pin of the IC
and returned to a clean analog ground. Any good
quality ceramic or tantalum can be used for this
capacitor. The capacitor with larger value and lower
ESR (equivalent series resistance) provides better
PSRR and line-transient response.
The output capacitor must meet both requirements for
minimum amount of capacitance and ESR in all LDO
applications. The RT9168/A is designed specifically to
work with low ESR ceramic output capacitor in space-
saving and performance consideration. Using a
ceramic capacitor whose value is at least 1
µF with
ESR is > 5m
Ω on the RT9168/A output ensures
stability. The RT9168/A still works well with output
capacitor of other types due to the wide stable ESR
range. Fig.1 shows the curves of allowable ESR range
as a function of load current for various output
voltages and capacitor values. Output capacitor of
larger capacitance can reduce noise and improve
load-transient response, stability, and PSRR. The
output capacitor should be located not more than
0.5" from the VOUT pin of the RT9168/A and returned
to a clean analog ground.
Note that some ceramic dielectrics exhibit large
capacitance and ESR variation with temperature. It
may be necessary to use 2.2
µF or more to ensure
stability at temperatures below -10°C in this case. Also,
tantalum capacitors, 2.2
µF or more may be needed to
maintain capacitance and ESR in the stable region for
strict application environment.
Tantalum capacitors maybe suffer failure due to surge
current when it is connected to a low-impedance
source of power (like a battery or very large capacitor).
If a tantalum capacitor is used at the input, it must be
guaranteed to have a surge current rating sufficient for
the application by the manufacture.
Load-Transient Considerations
The RT9168/A load-transient response graphs (see
Typical
Operating
Characteristics)
show
two
components of the output response: a DC shift from
the output impedance due to the load current
change, and the transient response. The DC shift is
quite small due to the excellent load regulation of the
IC. Typical output voltage transient spike for a step
change in the load current from 0mA to 50mA is tens
mV, depending on the ESR of the output capacitor.
Increasing
the
output
capacitor’s
value
and
decreasing the ESR attenuates the overshoot.
Shutdown Input Operation
The RT9168/A is shutdown by pulling the SHDN
input low, and turned on by driving the input high. If
this feature is not to be used, the SHDN input should
be tied to VIN to keep the regulator on at all times
(the SHDN input must not be left floating).
Fig. 1
COUT = 4.7
µF
COUT = 1
µF
Region of Stable COUT ESR vs. Load Current
0
40
80
120
160
200
Load Current (mA)
100
0.001
0.01
0.1
1
10


Similar Part No. - RT9168-50CSH

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT916815GBR RICHTEK-RT916815GBR Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT916815GS RICHTEK-RT916815GS Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT916815GSH RICHTEK-RT916815GSH Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT916815PBR RICHTEK-RT916815PBR Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
More results

Similar Description - RT9168-50CSH

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
   200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
logo
Microchip Technology
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com