Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6274KLPTR-T Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A6274KLPTR-T
Description  Linear Current Regulator and Controller for Automotive LED Arrays
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6274KLPTR-T Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A6274KLPTR-T Datasheet HTML 7Page - Allegro MicroSystems A6274KLPTR-T Datasheet HTML 8Page - Allegro MicroSystems A6274KLPTR-T Datasheet HTML 9Page - Allegro MicroSystems A6274KLPTR-T Datasheet HTML 10Page - Allegro MicroSystems A6274KLPTR-T Datasheet HTML 11Page - Allegro MicroSystems A6274KLPTR-T Datasheet HTML 12Page - Allegro MicroSystems A6274KLPTR-T Datasheet HTML 13Page - Allegro MicroSystems A6274KLPTR-T Datasheet HTML 14Page - Allegro MicroSystems A6274KLPTR-T Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Linear Current Regulator and Controller
for Automotive LED Arrays
A6274, A6274-1
A6284, A6284-1
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
PWM Dimming in DIM Mode
LED dimming during DIM mode can be controlled internally by
the A6274/84, or externally. For external PWM mode, connect an
external clock pulse on the PWMIN pin, which controls dim-
ming, frequency, and duty cycle. The A6274/84 detects the logic
level on the PWMIN pin. When logic voltage is applied on the
PWMIN pin, the IC switches to external PWM mode where dim-
ming, frequency, and duty cycle are directly controlled by signals
on PWMIN pin.
In internal PWM mode, dimming frequency can be set using a
resistor connected from PWMIN pin to GND as shown in Fig-
ure 1. It is not necessary to select the PWM mode before startup:
the IC will transition from internal to external when PWMIN is
raised above VLOGIC(H); and it will transition from external to
internal when external PWMIN signal is removed for more than
20 ms. LEDx will not blink; they will be off during this period.
The recommended range for PWM frequency is 200 Hz to 2 kHz.
Maximum PWM frequency is limited due to acceptable error
at minimum PWM duty cycle. At higher PWM frequency and
smaller duty cycles, error in LED current increases due to slow
ramp-up and ramp-down in LED current. It is recommended to
use a minimum on-time > 20 µs.
The equation for internal PWM frequency setting with the
PWMIN pin resistor is given by:
fPWM = (14165 ÷ RFPWM) + 19
where fPWM is in Hz and RFPWM is in kΩ. For example, with a
29.4 kΩ resistor, fPWM = 500 Hz.
RFPWM must be greater than 5 kΩ for internal PWM; below this
value, the PWMIN pin is detected at a logic-low level and oper-
ates in external PWM mode.
The voltage on the DR pin determines the operating duty cycle.
For better accuracy, derive this voltage from BIAS using a volt-
age divider. The PWM duty cycle depends on the ratio of the DR
and BIAS pin voltages. The duty cycle can be reduced, down to
5% (see Figure 5), as:
PWM (%) = 139 × VDR ÷ VBIAS
where VDR and VBIAS are in volts (V).
LED Current Setting
The peak LED current can be set at up to 60 or 120 mA per chan-
nel through the ISETx pin. ISET1 sets current through LED1-3
and ISET2 sets current through LED4-6.
By connecting ISET2 to BIAS, ISET1 current can be mirrored on
all enabled LED channels (LED1-6). This will improve current
matching between LED1-6 when all LED strings are identical.
Connect a resistor, RISETx, between ISETx pin and ground, to set
peak LED current through each channel. The value of peak LED
current through each LEDx sink is given by:
ILED(PEAK) = 298 ÷ RISETx (kΩ) for A6274
ILED(PEAK) = 590 ÷ RISETx (kΩ) for A6284
where ILED is in mA and RISETx in kΩ. This sets the peak current
through each LEDx, referred as the 100% Current. The average
LEDx current can be reduced from the 100% Current value by
dimming PWM duty ratio.
0
20
40
60
80
100
00.6
1.2
1.8
2.4
3.0
3.6
VDR (V)
Figure 5: Relationship of Voltage on DR pin (VDR)
and Dimming Duty Cycle
VDR can be varied from 0 to 3.6 V


Similar Part No. - A6274KLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6271 ALLEGRO-A6271 Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271-1 ALLEGRO-A6271-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6271KLPTR-T ALLEGRO-A6271KLPTR-T Datasheet
654Kb / 36P
   Automotive, High-Current LED Controller
A6271KLPTR-T-1 ALLEGRO-A6271KLPTR-T-1 Datasheet
1,023Kb / 40P
   Automotive, High-Current LED Controller
A6272 ALLEGRO-A6272 Datasheet
1,017Kb / 23P
   Automotive Two-Channel Linear LED Controller with Internal PWM Dimming
More results

Similar Description - A6274KLPTR-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7680 ONSEMI-NCV7680 Datasheet
231Kb / 20P
   Linear Current Regulator and Controller for Automotive LED Rear Combination Lamps
January, 2010 ??Rev. 1
NCV7681 ONSEMI-NCV7681 Datasheet
201Kb / 16P
   100 mA Linear Current Regulator and Controller for Automotive LED Lighting
November, 2016 ??Rev. 1
NCV7683 ONSEMI-NCV7683 Datasheet
270Kb / 23P
   Enhanced 100 mA Linear Current Regulator and Controller for Automotive Sequenced LED Lighting
February, 2018 ??Rev. 3
NCV7692 ONSEMI-NCV7692 Datasheet
235Kb / 18P
   Current Controller for Automotive LED Lamps
April, 2018 ??Rev. 0
NCV7691 ONSEMI-NCV7691 Datasheet
175Kb / 18P
   Current Controller for Automotive LED Lamps
May, 2015 ??Rev. 3
logo
Diodes Incorporated
AL8400 DIODES-AL8400_V01 Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR
logo
Rohm
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18353EFV-M ROHM-BD18353EFV-M Datasheet
2Mb / 56P
   1ch High Current LED Controller for Automotive
05.Feb.2021 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com