Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1193LLHLT-T2 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1193LLHLT-T2
Description  Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1193LLHLT-T2 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1193LLHLT-T2 Datasheet HTML 1Page - Allegro MicroSystems A1193LLHLT-T2 Datasheet HTML 2Page - Allegro MicroSystems A1193LLHLT-T2 Datasheet HTML 3Page - Allegro MicroSystems A1193LLHLT-T2 Datasheet HTML 4Page - Allegro MicroSystems A1193LLHLT-T2 Datasheet HTML 5Page - Allegro MicroSystems A1193LLHLT-T2 Datasheet HTML 6Page - Allegro MicroSystems A1193LLHLT-T2 Datasheet HTML 7Page - Allegro MicroSystems A1193LLHLT-T2 Datasheet HTML 8Page - Allegro MicroSystems A1193LLHLT-T2 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Programmable, Chopper-Stabilized,
Two-Wire Hall-Effect Switches
A119x and A119x-F
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS: Valid at TA = –40°C to 150°C, TJ < TJ(max), through operating supply voltage range, unless
otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply Voltage1
VCC
Operating, TJ ≤ 165 °C
3
24
V
Supply Current
ICC(L)
A1190
B > BOP
2
5
mA
A1192, A1192-F
B > BOP
5
6.9
mA
A1193, A1193-F
B < BRP
5
6.9
mA
ICC(H)
A1190, A1192, A1192-F
B < BRP
12
17
mA
A1193, A1193-F
B > BOP
12
17
mA
Supply Zener Clamp Voltage
VZ(sup)
ICC = ICC(L)(max) + 3 mA, TA = 25°C
28
V
Supply Zener Clamp Current
IZ(sup)
VZ(sup) = 28 V
ICC(L)(max)
+ 3 mA
mA
Reverse Supply Current
IRCC
VRCC = –18 V
–1.6
mA
Output Slew Rate
di/dt
LH, UA package (no bypass capacitor2);
capacitance of probe CS = 20 pF
90
mA/µs
UB package (integrated capacitor3);
capacitance of probe CS = 20 pF
0.22
mA/µs
Chopping Frequency
fC
700
kHz
Power-Up Time4
ton
LH, UA packages: A1190,
A1192, A1192-F
CBYP = 0.01 µF,
B >BOP +10 G
25
µs
UB package3: A1190, A1192,
A1192-F
B >BOP +10 G
25
µs
LH, UA packages: A1193,
A1193-F
CBYP = 0.01 µF,
B < BRP –10 G
25
µs
UB package3: A1193, A1193-F B < BRP –10 G
25
µs
Power-Up State5,6
POS
ton < ton(max), VCC slew rate > 25 mV/µs
ICC(H)
1
VCC represents the generated voltage between the VCC pin and the GND pin.
2
Measured without bypass capacitor between VCC pin and the GND pin. Use of a bypass capacitor results in slower current change.
3
Measured with internal bypass capacitor (0.1 µF) between VCC and GND. Additional bypass capacitance results in slower current change.
4
Guaranteed by characterization and design.
5
Power-Up State as defined is true only with a VCC slew rate of 25 mV/µs or greater.
6
For t > ton and BRP < B < BOP, Power-Up State is not defined.
MAGNETIC CHARACTERISTICS1: Valid at TA = –40°C to 150°C, TJ ≤ TJ (max), unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit2
Initial Operate Point
BOP(init)
–14
10
G
Programmable Magnetic
Operating Point
BOP
TA = 25°C
10
200
G
Average Magnetic Step Size3
STEPBOP TA = 25°C, VCC = 5 V
3
4.8
7.5
G
Switchpoint Temperature Drift
ΔBOP
A1190, A1192, A1193
±20
G
A1192-F, A1193-F
10 to 200 G
–0.25
%/°C
Hysteresis
BHYS
5
30
G
1
Relative values of B use the algebraic convention, where positive values indicate south magnetic polarity, and negative values indicate north
magnetic polarity; therefore greater B values indicate a stronger south polarity field (or a weaker north polarity field, if present).
2
1 G (gauss) = 0.1 mT (millitesla).
3
STEPBOP is a calculated average from the cumulative programmed bits.


Similar Part No. - A1193LLHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1193LLHLT-T2 ALLEGRO-A1193LLHLT-T2 Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1193LLHLT-T2 ALLEGRO-A1193LLHLT-T2 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results

Similar Description - A1193LLHLT-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1193LLHLT-T ALLEGRO-A1193LLHLT-T Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1190 ALLEGRO-A1190 Datasheet
387Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com