Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL502-03SC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL502-03SC
Description  Low Phase Noise VCXO (48MHz to 100MHz)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL502-03SC Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL502-03SC Datasheet HTML 1Page - Micrel Semiconductor PL502-03SC Datasheet HTML 2Page - Micrel Semiconductor PL502-03SC Datasheet HTML 3Page - Micrel Semiconductor PL502-03SC Datasheet HTML 4Page - Micrel Semiconductor PL502-03SC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PL502-03
Low Phase Noise VCXO (48MHz to 100MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 5/16/11 Page 1
FEATURES
 VCXO output for the 48MHz to 100MHz range
 Low phase noise (-130 dBc @ 10kHz offset at
48MHz)
 LVCMOS output
 12 to 25MHz crystal input
 Integrated variable capacitors
 Selectable High Drive (30mA) or Standard Drive
(10mA) output
 Wide pull range (± 250 ppm typ)
 Low period jitter: 3.5ps RMS
 3.3V operation
 Available in 8-Pin SOP
DESCRIPTION
The PL502-03 is a low cost, high performance and
low phase noise VCXO for the 48 to 100MHz range,
providing less than -130dBc at 10kHz offset at
48MHz. The very low jitter (3.5ps RMS period jitter)
makes this chip ideal for applications requiring volt-
age controlled frequency sources. Input crystal can
range from 12 to 25MHz (fundamental resonant
mode).
PIN CONFIGURATION
Note: ^ deno tes i nternal pull up
OUTPUT RANGE
MULTIPLIER
FREQUENCY
RANGE
OUTPUT
BUFFER
X4
48 - 100MHz
LVCMOS
BLOCK DIAGRAM
1
2
3
4
5
6
7
8
XOUT
N/C
VCON
GND
XIN
VDD
CLK
OE^
SOP-8L
Reference
Divider
Phase
Comparator
Charge
Pump
Loop
Filter
VCO
VCO
Divider
XTAL
OSC
OE
XIN
XOUT
CLK
VCON
VARICAP


Similar Part No. - PL502-03SC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
PL502-02HSC MICREL-PL502-02HSC Datasheet
303Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
PL502-02HSC-R MICREL-PL502-02HSC-R Datasheet
303Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
PL502-02SC MICREL-PL502-02SC Datasheet
303Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
PL502-02SC-R MICREL-PL502-02SC-R Datasheet
303Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
More results

Similar Description - PL502-03SC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV0203 ABRACON-ABV0203 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (48MHz to 100MHz)
03/11/05
logo
PhaseLink Corporation
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
   Low Phase Noise VCXO (48MHz to 100MHz)
PLL602-03 PLL-PLL602-03 Datasheet
200Kb / 4P
   Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
List of Unclassifed Man...
PLL602-03 ETC1-PLL602-03 Datasheet
198Kb / 4P
   Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
Abracon Corporation
ABX0203 ABRACON-ABX0203 Datasheet
54Kb / 4P
   Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
Micrel Semiconductor
PL602-03 MICREL-PL602-03 Datasheet
259Kb / 4P
   Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
PhaseLink Corporation
P521-23 PLL-P521-23 Datasheet
215Kb / 6P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-29 PLL-P521-29 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (100MHz to 200MHz)
P521-28 PLL-P521-28 Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
PLL521-23 PLL-PLL521-23 Datasheet
198Kb / 7P
   Low Phase Noise PECL VCXO (100MHz to 200MHz)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com