Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL565-68DC Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # PL565-68DC
Description  Analog Frequency Multiplier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL565-68DC Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button PL565-68DC Datasheet HTML 3Page - Micrel Semiconductor PL565-68DC Datasheet HTML 4Page - Micrel Semiconductor PL565-68DC Datasheet HTML 5Page - Micrel Semiconductor PL565-68DC Datasheet HTML 6Page - Micrel Semiconductor PL565-68DC Datasheet HTML 7Page - Micrel Semiconductor PL565-68DC Datasheet HTML 8Page - Micrel Semiconductor PL565-68DC Datasheet HTML 9Page - Micrel Semiconductor PL565-68DC Datasheet HTML 10Page - Micrel Semiconductor PL565-68DC Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
(Preliminary)
Analog Frequency Multiplier
PL565-68 VCXO
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 9 44-0800 • fax +1(408) 474-1000 • www.micrel.com Rev 12/08/11 Page 7
INDUCTOR VALUE OPTIMIZAT ION
The required inductor values for the best performance depend on the operating frequency, and the board layout
or module specifications. The listed values in this datasheet are based on the calculated parasitic values from
Micrel’s evaluation board design. These inductor values provide the user with a starting point to determine the
optimum inductor values. Additional fine-tuning may be required to determine the optimal solution.
The inductor is recommended to be a high Q small size 0402 or 0603 SMD component, and must be placed
between L2X and adjacent VDDOSC pin. Place inductor as close to the IC as possible to minimize parasitic
effects and to maintain inductor Q.
To assist with the inductor value optimization, Micrel has developed AFM “Tuning Assistant” documents. You can
download these documents from Micrel’s web site (www.micrel.com). The documents consist of tables with
recommended inductor values for certain output frequency ranges.
Figure 10: Diagram Representation of the Related System Inductance and Capacitance
DIE SIDE
PCB side
- Cinternal at L2X = 7.625 pF
- LWB1 = 2 nH, (2 places), Stray inductance
- Cpad = 1.0 pF, Bond pad and its ESD circuitry
- Cstray = 0.5 pF, Stray capacitance
- C11 = 0.4 pF, The following amplifier stage
- L2X = 2x inductor
- C2X = range (0.1 to 2.7 pF), Fine tune
the tank, if used.
Work out the resonance of this network and you have a good first guess for the required inductor values for
optimum performance. Non-linear behavior at large signal amplitudes can shift the tank resonance significantly,
especially at the L2X side, to a lower frequency than the calculation suggests. The Tuning Assistant documents
are based upon actual lab tests and are corrected for the non -linear behavior.


Similar Part No. - PL565-68DC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL565-08 MICREL-PL565-08 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
More results

Similar Description - PL565-68DC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
PL560-XX PLL-PL560-XX Datasheet
887Kb / 15P
   Analog Frequency Multiplier
PL660 PLL-PL660 Datasheet
484Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
   Analog Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com