Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL620-89 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # PL620-89
Description  Low Phase Noise XO (9.5-65MHz Output)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL620-89 Datasheet(HTML) 2 Page - Micrel Semiconductor

  PL620-89 Datasheet HTML 1Page - Micrel Semiconductor PL620-89 Datasheet HTML 2Page - Micrel Semiconductor PL620-89 Datasheet HTML 3Page - Micrel Semiconductor PL620-89 Datasheet HTML 4Page - Micrel Semiconductor PL620-89 Datasheet HTML 5Page - Micrel Semiconductor PL620-89 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PL620-88/-89
Low Phase Noise XO (9.5-65MHz Output)
Micrel Inc. • 2180 Fortune Drive • S an Jose, CA 95131 • USA • tel +1(408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com
Rev 4/28/09 Page 2
PACKAGE PIN ASSIGNMENT
Name
Pin#
Description
VDD
1
Power Supply.
XIN
2
Crystal input. See Crystal Specification on page 3.
XOUT
3
Crystal output. See Crystal Specification on page 3.
DNC
4, 7, 15, 16
Do Not Connect.
S2
5
Output Divide by Two selector pin. See the OUTPUT DIVIDE BY TWO
SELECTOR table on page 1.
OE
6
Output Enable input. See OUTPUT ENABLE LOGIC table on page 1.
GND
8, 9
Ground.
GNDBUF
10
Ground for output buffer circuitry.
Q
11
LVPECL or LVDS output.
VDDBUF
12
Power supply for output buffer circuitry.
QBAR
13
Complementary LVPECL or LVDS output.
GNDBUF
14
Ground for output buffer circuitry.
ELECTRICAL SPECIFICAT IONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN
MAX
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
C
Ambient Operating Temperature
TA
-40
85
C
Junction Temperature
TJ
125
C
Lead Temperature (soldering, 10s)
260
C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for exten ded periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the dev ice at these or any other
conditions above the operational limits noted in this specification is not implied.


Similar Part No. - PL620-89

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PL621ZS LEIDITECH-PL621ZS Datasheet
1Mb / 2P
   DFN0603 Plastic Package Schottky Barrier Diode
logo
PhaseLink Corporation
PL623-38 PLL-PL623-38 Datasheet
216Kb / 6P
   Low Phase Noise XO (for 3rd O.T.) For 65-130MHz
logo
Zibo Seno Electronic En...
PL62C ZSELEC-PL62C Datasheet
1Mb / 14P
   ZENER DIODES
logo
STMicroelectronics
PL62Z STMICROELECTRONICS-PL62Z Datasheet
199Kb / 3P
   ZENDER DIODES DIODES ZENDER
More results

Similar Description - PL620-89

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-88 PLL-PLL620-88 Datasheet
200Kb / 6P
   Low Phase Noise XO (9.5-65MHz Output)
logo
List of Unclassifed Man...
PLL620-80 ETC1-PLL620-80 Datasheet
212Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
Abracon Corporation
ABX2088 ABRACON-ABX2088 Datasheet
67Kb / 6P
   Low Phase Noise XO (9.5-65MHz Output)
03/21/05
logo
PhaseLink Corporation
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
PLL520-80 PLL-PLL520-80 Datasheet
226Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
logo
Abracon Corporation
ABV2088 ABRACON-ABV2088 Datasheet
71Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
03/21/05
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
   Rugged XO/Low Phase Noise
logo
PhaseLink Corporation
P521-49 PLL-P521-49 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (27MHz to 65MHz)
logo
Abracon Corporation
ABX8037 ABRACON-ABX8037 Datasheet
214Kb / 10P
   38-640MHz Low Phase Noise XO
9/1/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com