Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100834LZI Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100834LZI
Description  (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100834LZI Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100834LZI Datasheet HTML 1Page - Micrel Semiconductor SY100834LZI Datasheet HTML 2Page - Micrel Semiconductor SY100834LZI Datasheet HTML 3Page - Micrel Semiconductor SY100834LZI Datasheet HTML 4Page - Micrel Semiconductor SY100834LZI Datasheet HTML 5Page - Micrel Semiconductor SY100834LZI Datasheet HTML 6Page - Micrel Semiconductor SY100834LZI Datasheet HTML 7Page - Micrel Semiconductor SY100834LZI Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Micrel, Inc.
SY100S834/SY100S834L
June 2011
4
M9999-060911
hbwhelp@micrel.com or (408) 955-1690
5V PECL Output DC Electrical Characteristics
(2)
VCC = 3.3V ±10%; RL = 50Ω to VCC −2V; VEE = GND.
TA = −40°C
TA = 0°C
TA = +25°C
TA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply
Current
49
49
49
54
mA
VCH
Output HIGH
Voltage
3.915
3.995
4.12
3.975
4.045
4.12
3.975
4.045
4.12
3.975
4.045
4.12
V
VOL
Output LOW
Voltage
3.17
3.305
3.445
3.19
3.295
3.38
3.19
3.295
3.38
3.19
3.295
3.38
V
VIH
Input HIGH
Voltage
3.835
4.12
3.835
4.12
3.835
4.12
3.835
4.12
V
VIL
Input LOW
Voltage
3.19
3.525
3.19
3.525
3.19
3.525
3.19
3.525
V
VBB
Output
Reference
Voltage
3.62
3.74
3.62
3.74
3.62
3.74
3.62
3.74
V
VCMR
Common
Mode Range
(2)
2
4.6
1.9
4.6
1.9
4.6
1.9
4.6
V
IIH
Input HIGH
Current
150
150
150
150
µA
IIL
Input LOW
Current
0.5
0.5
0.5
0.5
µA
Notes:
1.
These values are for VCC = 5V. Level specifications will vary 1:1 with VCC.
2.
The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the
specified range and the peak-to-peak voltage lies between VPP (min.) and 1V. The lower end of the CMR range varies 1:1 with VEE. Note for PECL
operation that the VCMR (min.) will be fixed at 3.3V − IVCMR (min.)I.


Similar Part No. - SY100834LZI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SY100101422-3FCF ETC1-SY100101422-3FCF Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY100101422-3MCF ETC1-SY100101422-3MCF Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY100101422-4FCF ETC1-SY100101422-4FCF Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY100101422-4MCF ETC1-SY100101422-4MCF Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY100101422-5FCS ETC1-SY100101422-5FCS Datasheet
271Kb / 10P
   256 x 4 ECL RAM
More results

Similar Description - SY100834LZI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_09 Datasheet
82Kb / 6P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_06 Datasheet
61Kb / 5P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
SY100S838 MICREL-SY100S838_06 Datasheet
483Kb / 5P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com