Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQXO-542-AUTO Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # IQXO-542-AUTO
Description  Crystal Clock Oscillator Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXO-542-AUTO Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  IQXO-542-AUTO Datasheet HTML 1Page - IQD Frequency Products Ltd IQXO-542-AUTO Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IQXO-542 AUTO
Crystal Clock Oscillator Specification
Packaging Details
In tape, cut from a reel
Pack Style: Cutt
Pack Size: 1
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
Electrical Specification - maximum limiting values 1.8V ±5%
Frequency
Min
Frequency
Max
Temperature
Range
Stability
(Min)
Current
Draw
Rise and Fall
Time
Duty Cycle
°C
ppm
mA
ns
%
3
6
-40 to 85
4.0MHz
9.999999MHz
±25.0
40/60%
3
6
-40 to 125
±50.0
40/60%
4
6
-40 to 85
10.0MHz
19.999999MHz
±25.0
40/60%
4
6
-40 to 125
±50.0
40/60%
5
5
-40 to 85
20.0MHz
31.999999MHz
±25.0
40/60%
5
5
-40 to 125
±50.0
40/60%
6
5
-40 to 85
32.0MHz
50.0MHz
±25.0
40/60%
6
5
-40 to 125
±50.0
40/60%
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 31 Aug 16 15:56 using Model Data Sheet V1.2550
Page 2 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXO-542-AUTO

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXO-542 IQD-IQXO-542 Datasheet
153Kb / 2P
   Crystal Clock Oscillator Specification
More results

Similar Description - IQXO-542-AUTO

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CXOXULP-1.8V IQD-CXOXULP-1.8V Datasheet
207Kb / 3P
   Crystal Clock Oscillator Specification
CXO-3.3V IQD-CXO-3.3V Datasheet
187Kb / 3P
   Crystal Clock Oscillator Specification
CXOXULP-3.3V IQD-CXOXULP-3.3V Datasheet
207Kb / 3P
   Crystal Clock Oscillator Specification
CXOXULPHT-3.3V IQD-CXOXULPHT-3.3V Datasheet
278Kb / 3P
   Crystal Clock Oscillator Specification
IQXO-430 IQD-IQXO-430 Datasheet
217Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-54-AUTO IQD-CFPS-54-AUTO Datasheet
191Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-64 IQD-CFPS-64 Datasheet
811Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-67 IQD-CFPS-67 Datasheet
407Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-72 IQD-CFPS-72 Datasheet
751Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-104 IQD-CFPS-104 Datasheet
342Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-108 IQD-CFPS-108 Datasheet
272Kb / 2P
   Crystal Clock Oscillator Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com