Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1240 Datasheet(PDF) 4 Page - Keysight Technologies

Part # U1240
Description  Handheld Digital Multimeters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1240 Datasheet(HTML) 4 Page - Keysight Technologies

  U1240 Datasheet HTML 1Page - Keysight Technologies U1240 Datasheet HTML 2Page - Keysight Technologies U1240 Datasheet HTML 3Page - Keysight Technologies U1240 Datasheet HTML 4Page - Keysight Technologies U1240 Datasheet HTML 5Page - Keysight Technologies U1240 Datasheet HTML 6Page - Keysight Technologies U1240 Datasheet HTML 7Page - Keysight Technologies U1240 Datasheet HTML 8Page - Keysight Technologies U1240 Datasheet HTML 9Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
04 | Keysight | U1240 Series Handheld Digital Multimeters - Data Sheet
AC specifications
Function
Range
Resolution
Test current/burden voltage
Accuracy ± (% of reading + counts of least significant digit)
40 to 500 Hz
500 Hz to 1 kHz
1 to 2 kHz
AC voltage1, 5
True RMS
1000.0 mV
0.1 mV
1% + 5
2% + 5
10.000 V
0.001 V
1% + 5
2% + 5
100.00 V
0.01 V
1000.0 V
0.1 V
AC current2, 5
True RMS
1000.0 µA
0.1 µA
< 0.06 V (50 Ω)
1% + 5
1.5% + 5
10000 µA
1 µA
< 0.55 V (50 Ω)
100.00 mA
0.01 mA
< 0.18 V (0.5 Ω)
440.0 mA3
0.1 mA
< 0.8 V (0.5 Ω)
10.000 A4
0.001 A
< 0.4 V (0.01 Ω)
1. Input impedance: 10 MΩ (nominal) in parallel with < 100 pF, with overload protection of 1000 V RMS
2. Crest factor ≤ 3. For non-sinusoidal waveforms with crest factor up to 3, add 2% reading + 2% full scale typical.
3. Current can be measured from 50 mA to 440 mA continuously. An additional 0.2% needs to be added to the specified accuracy if the signal
measured is in the range of 440 mA to 1100 mA for 30 seconds maximum. After measuring a current of > 440 mA, leave the meter to cool
down for twice the measuring time used before application of low current measurement.
4. Current can be measured from 0.5 A up to 10 A continuously with a maximum operating temperature of 50 °C. An additional 0.3% needs
to be added to the specified accuracy if the signal measured is in the range of 10 A to 19.999 A for 15 seconds maximum. After measuring a
current of >10 A, leave the meter to cool down for 60 seconds before applying a low current measurement.
5. AC voltage and AC current specifications are AC coupled. True RMS measurement is valid from 5 % of range to 100 % of range.
Temperature specifications
Thermocouple type
Range
Resolution
Accuracy ± (% of reading + offset error)
K (for U1241B and U1242B)
–40 to 1000 ºC/–48 to 1832 ºF
0.1 °C /0.1 °F
1% + 1 ºC/1% + 1.8 °F
J (for U1242B only)
–40 to 1000 ºC/–48 to 1832 ºF
0.1 ºC/0.1 ºF
1% + 1 ºC/1% + 1.8 °F
Capacitance specifications
Range
Resolution
Accuracy ± (% of reading + counts of least significant digit)
1000.0 nF
0.1 nF
1.2% + 4
10.000 µF
0.001 µF
100.00 µF
0.01 µF
1000.0 µF
0.1 µF
2% + 4
10.000 mF
0.001 mF
Harmonic ratio specifications
Range
Frequency
Voltage
0.0% to 99.9%
40 to 500 Hz
100 mVAC to 1000 VAC
Electrical Specifications


Similar Part No. - U1240

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
More results

Similar Description - U1240

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com