Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1250 Datasheet(PDF) 11 Page - Keysight Technologies

Part # U1250
Description  Digital Multimeters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1250 Datasheet(HTML) 11 Page - Keysight Technologies

Back Button U1250 Datasheet HTML 7Page - Keysight Technologies U1250 Datasheet HTML 8Page - Keysight Technologies U1250 Datasheet HTML 9Page - Keysight Technologies U1250 Datasheet HTML 10Page - Keysight Technologies U1250 Datasheet HTML 11Page - Keysight Technologies U1250 Datasheet HTML 12Page - Keysight Technologies U1250 Datasheet HTML 13Page - Keysight Technologies U1250 Datasheet HTML 14Page - Keysight Technologies U1250 Datasheet HTML 15Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
General Specifications
Display
Both primary and secondary displays are 5-digit on the LCD display.
Both the primary and secondary displays offer a maximum resolution of 50,000 counts.
Automatic polarity indication.
Connectivity
IR to USB
Power consumption
105 mVA/420 mVA (with backlight) maximum (U1251B)
165 mVA/480 mVA (with backlight) maximum (U1252B)
420 mVA maximum (U1253B)
Battery type
9 V alkaline battery (ANSI/NEDA 1604A or IEC 6LR61)
9 V carbon-zinc battery (ANSI/NEDA 1604D or IEC6F22)
7.2 V or 8.4 V Ni-MH rechargeable battery
Battery life
U1251B: 72 hours typical
U1252B: 36 hours typical
U1253B: 8 hours typical
Operating environment
– Full accuracy at –20 °C to 55 °C ; and to 80% RH for temperatures up to 35 °C,
decreasing linearly to 50% RH at 55 °C
– 0 to 2000 m altitude per IEC 61010-1 2nd Edition CAT III, 1000 V/CAT IV, 600 V
Storage compliance
–40 °C to 70 °C with battery removed
Safety compliance
– IEC 61010-1:2001/EN610101-1:2001
– Canada: CSA C22.2 No. 61010-1:2004
Measurement category
CAT III 1000 V / CAT IV 600 V
Emc compliance
Certified to IEC/EN 61326: 2002, CISPR 11, and equivalents for Group 1, Class A
Common mode rejection ratio (CMRR)
U1251B/U1252B: >90 dB at DC, 50/60 Hz ± 0.1% (1 kW unbalanced)
U1253B: >100 dB at DC, 50/60 Hz ± 0.1% (1 kW unbalanced)
Normal mode rejection ratio (NMRR)
U1251B/U1252B: >60 dB at DC, 50/60 Hz ± 0.1%
U1253B: >90 dB at DC, 50/60 Hz ± 0.1%
Temperature coefficient
0.15 * (specified accuracy)/°C (from 20 °C to 18 °C or 28 °C to 55 °C)
Shock and vibration
Tested to IEC/EN 60068-2
Dimensions (HxWxD)
203.5 mm x 94.4 mm x 59.0 mm
Weight
U1251B: 504±5 g with battery
U1252B/U1253B: 527±5 g with battery
Warranty
3 years for main unit
3 months for standard accessories unless otherwise specified.
11 | Keysight | U1250 Series Handheld Digital Multimeter - Data Sheet


Similar Part No. - U1250

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
More results

Similar Description - U1250

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
   Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
   Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
   Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
   Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
   Digital Multimeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
   Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
   Digital Multimeters
logo
Keysight Technologies
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
   Digital Multimeters
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
   Digital Mini MultiMeters
MV110 EXTECH-MV110 Datasheet
240Kb / 13P
   Digital MultiMeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com