Electronic Components Datasheet Search |
|
DSC400-3433Q0001KI2T Datasheet(PDF) 2 Page - Microchip Technology |
|
DSC400-3433Q0001KI2T Datasheet(HTML) 2 Page - Microchip Technology |
2 / 20 page DSC400 DS20005612A-page 2 2016 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings † Supply Voltage .......................................................................................................................................... –0.3V to +4.0V Input Voltage .......................................................................................................................................–0.3V to VDD+0.3V ESD Protection (HBM) ...............................................................................................................................................4 kV ESD Protection (MM) ................................................................................................................................................400V ESD Protection (CDM) ............................................................................................................................................1.5 kV † Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended periods may affect device reliability. ELECTRICAL CHARACTERISTICS Specifications: VDD = 3.3V; TA = +25°C unless otherwise specified. Parameters Sym. Min. Typ. Max. Units Conditions Supply Voltage (Note 1)VDD 2.25 — 3.6 V — Core Supply Current (Note 2)IDDCORE — 40 44 mA OE(1:2) = 0. All outputs disabled. Frequency Stability ∆f — — ±25 ppm All temperature and VDD ranges. —— ±50 Aging - First Year ∆fY1 — — ±5 ppm One year at +25°C Aging - After First Year ∆fY2+ — — <±1 ppm/yr Year two and beyond at +25°C Start-up Time (Note 3)tSU — — 5 ms T = +25°C Input Logic Levels VIH 0.75 x VDD — — V Input logic high VIL — — 0.25 x VDD Input logic low Output Disable Time (Note 4)tDA — — 5 ns OE(1:2) transition from 1 to 0 Output Enable Time (Note 4)tEN — — 20 ns OE(1:2) transition from 0 to 1 Pull-Up Resistor RPU —40 — kΩ All input pins have an internal pull-up Note 1: VDD pins should be filtered with a 0.1 µF capacitor connected between VDD and VSS. 2: The addition of IDDCORE and IDDIO provides the total current consumption of the device. 3: tSU is time to 100 ppm stable output frequency after VDD is applied and outputs are enabled. 4: See the Output Waveform section for more information. |
Similar Part No. - DSC400-3433Q0001KI2T |
|
Similar Description - DSC400-3433Q0001KI2T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |