Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC400-0323Q0001KI2T Datasheet(PDF) 9 Page - Microchip Technology

Part # DSC400-0323Q0001KI2T
Description  Configurable Four Output, Low Jitter Crystal-less??Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC400-0323Q0001KI2T Datasheet(HTML) 9 Page - Microchip Technology

Back Button DSC400-0323Q0001KI2T Datasheet HTML 5Page - Microchip Technology DSC400-0323Q0001KI2T Datasheet HTML 6Page - Microchip Technology DSC400-0323Q0001KI2T Datasheet HTML 7Page - Microchip Technology DSC400-0323Q0001KI2T Datasheet HTML 8Page - Microchip Technology DSC400-0323Q0001KI2T Datasheet HTML 9Page - Microchip Technology DSC400-0323Q0001KI2T Datasheet HTML 10Page - Microchip Technology DSC400-0323Q0001KI2T Datasheet HTML 11Page - Microchip Technology DSC400-0323Q0001KI2T Datasheet HTML 12Page - Microchip Technology DSC400-0323Q0001KI2T Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005612A-page 9
DSC400
4.4
LVCMOS
FIGURE 4-4:
Typical LVCMOS Termination Scheme.
RS is a series resistor implemented to match the trace impedance to that of the clock output. Depending on the board
layout, the value may range from 0Ω to 27Ω.
Note 1:
See the Output Waveform section for more information.
2:
The addition of IDDCORE and IDDIO provides the total current consumption of the device.
TABLE 4-4:
LVCMOS OUTPUTS
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Output Logic
Levels
VOH
0.9 x VDD
V
Output Logic High, I = ±6 mA
VOL
0.1 x VDD
Output Logic Low, I = ±6 mA
Output
Transition Time
(Note 1)
tR
1.1
2.0
ns
Rise Time, 20% to 80%, CL= 15 pF
tF
1.3
2.0
Fall Time, 20% to 80%, CL= 15 pF
Frequency
f0
2.3
170
MHz
All Temperature Ranges, Except
Automotive
100
Automotive Temperature Range
Output Duty
Cycle
SYM
44
55
%
IO Supply
Current (Note 2)
IDDIO
11
14
mA
Per Output at 125 MHz, CL = 15 pF
Period Jitter
JPER
—3—
psRMS CLK(0:3) = 125 MHz
Integrated
Phase Noise
JPH
—0.3
psRMS 200 kHz to 20 MHz @ 125 MHz
0.38
100 kHz to 20 MHz @ 125 MHz
1.7
2.0
12 kHz to 20 MHz @125 MHz
50 Ω
RS


Similar Part No. - DSC400-0323Q0001KI2T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC400-0323Q0001KI2T MICREL-DSC400-0323Q0001KI2T Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
More results

Similar Description - DSC400-0323Q0001KI2T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC400 MICREL-DSC400 Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
logo
Microchip Technology
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
   Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
logo
Micrel Semiconductor
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com