Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC400-0113Q0001KI2T Datasheet(PDF) 2 Page - Microchip Technology

Part # DSC400-0113Q0001KI2T
Description  Configurable Four Output, Low Jitter Crystal-less??Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC400-0113Q0001KI2T Datasheet(HTML) 2 Page - Microchip Technology

  DSC400-0113Q0001KI2T Datasheet HTML 1Page - Microchip Technology DSC400-0113Q0001KI2T Datasheet HTML 2Page - Microchip Technology DSC400-0113Q0001KI2T Datasheet HTML 3Page - Microchip Technology DSC400-0113Q0001KI2T Datasheet HTML 4Page - Microchip Technology DSC400-0113Q0001KI2T Datasheet HTML 5Page - Microchip Technology DSC400-0113Q0001KI2T Datasheet HTML 6Page - Microchip Technology DSC400-0113Q0001KI2T Datasheet HTML 7Page - Microchip Technology DSC400-0113Q0001KI2T Datasheet HTML 8Page - Microchip Technology DSC400-0113Q0001KI2T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DSC400
DS20005612A-page 2
 2016 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage .......................................................................................................................................... –0.3V to +4.0V
Input Voltage .......................................................................................................................................–0.3V to VDD+0.3V
ESD Protection (HBM) ...............................................................................................................................................4 kV
ESD Protection (MM) ................................................................................................................................................400V
ESD Protection (CDM) ............................................................................................................................................1.5 kV
† Notice:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Specifications: VDD = 3.3V; TA = +25°C unless otherwise specified.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage (Note 1)VDD
2.25
3.6
V
Core Supply Current (Note 2)IDDCORE
40
44
mA
OE(1:2) = 0. All outputs
disabled.
Frequency Stability
∆f
±25
ppm
All temperature and VDD
ranges.
——
±50
Aging - First Year
∆fY1
±5
ppm
One year at +25°C
Aging - After First Year
∆fY2+
<±1
ppm/yr Year two and beyond at
+25°C
Start-up Time (Note 3)tSU
5
ms
T = +25°C
Input Logic Levels
VIH
0.75 x VDD
V
Input logic high
VIL
0.25 x VDD
Input logic low
Output Disable Time (Note 4)tDA
5
ns
OE(1:2) transition
from 1 to 0
Output Enable Time (Note 4)tEN
20
ns
OE(1:2) transition
from 0 to 1
Pull-Up Resistor
RPU
—40
kΩ
All input pins have an
internal pull-up
Note 1:
VDD pins should be filtered with a 0.1 µF capacitor connected between VDD and VSS.
2:
The addition of IDDCORE and IDDIO provides the total current consumption of the device.
3:
tSU is time to 100 ppm stable output frequency after VDD is applied and outputs are enabled.
4:
See the Output Waveform section for more information.


Similar Part No. - DSC400-0113Q0001KI2T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC400-0113Q0001KI2T MICREL-DSC400-0113Q0001KI2T Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
More results

Similar Description - DSC400-0113Q0001KI2T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC400 MICREL-DSC400 Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
logo
Microchip Technology
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
   Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
logo
Micrel Semiconductor
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com