Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBB512-A Datasheet(PDF) 2 Page - SL Power Electronics

Part # MBB512-A
Description  Commercial/Medical International Linears
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MBB512-A Datasheet(HTML) 2 Page - SL Power Electronics

  MBB512-A Datasheet HTML 1Page - SL Power Electronics MBB512-A Datasheet HTML 2Page - SL Power Electronics MBB512-A Datasheet HTML 3Page - SL Power Electronics MBB512-A Datasheet HTML 4Page - SL Power Electronics MBB512-A Datasheet HTML 5Page - SL Power Electronics MBB512-A Datasheet HTML 6Page - SL Power Electronics MBB512-A Datasheet HTML 7Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
117
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
Commercial/Medical International + Linears
l
a
i
c
r
e
m
m
o
C
)
e
l
g
n
i
S
(
l
e
d
o
M
l
a
c
i
d
e
M
l
e
d
o
M
e
g
a
t
l
o
V
t
n
e
r
r
u
C
e
s
a
C
+
A
-
5
.
1
-
2
A
H
V
2A
5
.
1B
+
A
-
3
-
2
B
H
V
2A
3B
+
A
-
6
-
2
C
H
V
2A
6C
+
A
-
9
-
2
N
H
V
2A
9N
+
A
-
2
1
-
2
D
H
V
2A
2
1D
*
+
A
-
8
1
-
2
E
H
V
2A
8
1E
A
-
V
O
-
5
L
M
V
5A
0
.
1L
+
A
-
V
O
-
5
.
1
-
5
A
H
V
5A
5
.
1B
+
A
-
V
O
-
3
-
5
B
H
A
-
V
O
-
3
-
5
B
M
V
5A
3B
+
A
-
V
O
-
6
-
5
C
H
A
-
V
O
-
6
-
5
C
M
V
5A
6C
+
A
-
V
O
-
9
-
5
N
H
V
5A
9N
+
A
-
V
O
-
2
1
-
5
D
H
A
-
V
O
-
2
1
-
5
D
M
V
5A
2
1D
*
+
A
-
V
O
-
8
1
-
5
E
H
V
5A
8
1E
*
+
A
-
V
O
-
5
2
-
5
F
V
5A
5
2F
*
+
A
-
V
O
-
5
3
-
5
G
V
5A
5
3G
*
+
A
-
7
9
1
P
C
V
5A
0
5G
A
-
5
.
0
-
2
1
L
M
V
2
1A
5
.
0L
)
V
2
1
(
+
A
-
9
.
0
-
5
1
A
H
V
2
1A
9
.
0B
+
A
-
7
.
1
-
2
1
B
H
A
-
7
.
1
-
2
1
B
M
V
2
1A
7
.
1B
+
A
-
4
.
3
-
2
1
C
H
A
-
4
.
3
-
2
1
C
M
V
2
1A
4
.
3C
+
A
-
1
.
5
-
2
1
N
H
V
2
1A
1
.
5N
+
A
-
8
.
6
-
2
1
D
H
A
-
8
.
6
-
2
1
D
M
V
2
1A
8
.
6D
*
+
A
-
2
-
0
1
-
2
1
E
H
V
2
1A
2
.
0
1E
)
V
2
1
(
*
+
A
-
5
1
-
5
1
F
V
2
1A
6
1F
A
-
4
.
0
-
5
1
L
M
V
5
1A
4
.L
+
A
-
9
.
0
-
5
1
A
H
V
5
1A
9
.
0B
+
A
-
5
.
1
-
5
1
B
H
A
-
5
.
1
-
5
1
B
M
V
5
1A
5
.
1B
+
A
-
3
-
5
1
C
H
A
-
3
-
5
1
C
M
V
5
1A
3C
+
A
-
5
.
4
-
5
1
N
H
V
5
1A
5
.
4N
+
A
-
6
-
5
1
D
H
A
-
6
-
5
1
D
M
V
5
1A
6D
*
+
A
-
9
-
5
1
E
H
V
5
1A
9E
*
+
A
-
5
1
-
5
1
F
V
5
1A
5
1F
A
-
8
2
.
0
-
4
2
L
M
V
4
2A
8
2
.L
+
A
-
5
.
0
-
4
2
A
H
V
4
2A
5
.
0B
+
A
-
2
.
1
-
4
2
B
H
A
-
2
.
1
-
4
2
B
M
V
4
2A
2
.
1B
+
A
-
4
.
2
-
4
2
C
H
A
-
4
.
2
-
4
2
C
M
V
4
2A
4
.
2C
+
A
-
6
.
3
-
4
2
N
H
V
4
2A
6
.
3N
+
A
-
8
.
4
-
4
2
D
H
A
-
8
.
4
-
4
2
-
D
M
V
4
2A
8
.
4D
*
+
A
-
2
.
7
-
4
2
E
H
V
4
2A
2
.
7E
*
+
A
-
2
1
-
4
2
F
V
4
2A
2
1F
)
V
8
2
(
+
A
-
5
.
0
-
4
2
A
H
V
8
2A
5
.
0B
+
A
-
1
-
8
2
B
H
A
-
1
-
8
2
B
M
V
8
2A
1B
+
A
-
2
-
8
2
C
H
A
-
2
-
8
2
C
M
V
8
2A
2C
+
A
-
3
-
8
2
N
H
V
8
2A
3N
+
A
-
4
-
8
2
D
H
A
-
4
-
8
2
D
M
V
8
2A
4D
*
+
A
-
6
-
8
2
E
H
V
8
2A
6E
)
V
8
2
(
*
+
A
-
2
1
-
4
2
F
V
8
2A
0
1F
+
A
-
5
.
0
-
8
4
B
H
V
8
4A
5
.
0B
+
A
-
1
-
8
4
C
H
V
8
4A
1C
*
*
+
A
-
3
-
8
4
D
H
V
8
4A
3D
*
+
A
-
4
-
8
4
E
H
V
8
4A
4E
*
+
A
-
6
-
8
4
F
V
8
4A
6F


Similar Part No. - MBB512-A

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MBB512-A SLPOWER-MBB512-A Datasheet
374Kb / 7P
   DC Power Supplies
More results

Similar Description - MBB512-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBB5-3-OV-AG ETC2-HBB5-3-OV-AG Datasheet
374Kb / 7P
   Commercial/Medical International Linears
HC24-24-A ETC2-HC24-24-A Datasheet
374Kb / 7P
   Commercial/Medical International Linears
logo
XP Power Limited
JHM1024D15 XPPOWER-JHM1024D15 Datasheet
120Kb / 2P
   International Medical Approvals
JHM0612S05 XPPOWER-JHM0612S05 Datasheet
337Kb / 2P
   International Medical Approvals
JHM1005S05 XPPOWER-JHM1005S05 Datasheet
120Kb / 2P
   International Medical Approvals
ISM02 XPPOWER-ISM02 Datasheet
379Kb / 3P
   International Medical Safety Approvals
logo
Astec America, Inc
ATV351 ASTEC-ATV351 Datasheet
665Kb / 4P
   15-115 Watts LINEARS
logo
List of Unclassifed Man...
GLC50AG ETC2-GLC50AG Datasheet
267Kb / 2P
   GLC50 Commercial/GLM50 Medical
SLS-24-120T ETC2-SLS-24-120T Datasheet
519Kb / 5P
   Silver Line Series ??Single Multi-Output Linears
logo
Winchester Electronics ...
780390 WINCHESTER-780390 Datasheet
78Kb / 1P
   INTERNATIONAL TRILOC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com