Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U3CS-W-1200-12-HA3C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # D1U3CS-W-1200-12-HA3C
Description  81mm 1U Front End AC-DC Power Supply Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U3CS-W-1200-12-HA3C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  D1U3CS-W-1200-12-HA3C Datasheet HTML 1Page - Murata Power Solutions Inc. D1U3CS-W-1200-12-HA3C Datasheet HTML 2Page - Murata Power Solutions Inc. D1U3CS-W-1200-12-HA3C Datasheet HTML 3Page - Murata Power Solutions Inc. D1U3CS-W-1200-12-HA3C Datasheet HTML 4Page - Murata Power Solutions Inc. D1U3CS-W-1200-12-HA3C Datasheet HTML 5Page - Murata Power Solutions Inc. D1U3CS-W-1200-12-HA3C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
D1U3CS-W-1200-12-HxxC Series
81mm 1U Front End AC-DC Power Supply Converter
D1U3CS-W-1200-12-HxxC.B01 Page 4 of 6
www.murata-ps.com/support
OUTPUT CONNECTOR AND SIGNAL SPECIFICATION
DC and Signal Connector: FCI 51731-057LF
Pin Assignment
Signal Name
Description
Amps per pin
PB1, PB2, PB3
+12V GND
Main output voltage return
30
PB4, PB5, PB6
+12V OUT
Main output voltage
30
A1
PS_ON_L
Input.  Internal 10K ohm pull-up (accepts open collector/drain
drive). This signal to be pulled low to turn-on power supply.
N/A
A2
+12VRS_RETURN
Main output remote sense return
N/A
A3
TEMP_OK
A TTL logic HIGH when operating temperature within allowable
range
N/A
A4
PS_SEATED
Power supply is plugged into the system. Internally tied to
ground.
N/A
A5, B5, C5, D5
+VSB
Standby output voltage
2.0
A6, B6, C6, D6
+VSB GND
Standby output voltage return
2.0
B1
AC OK
Input AC voltage “OK” signal output
N/A
B2
+12VRS
Main output remote sense
N/A
B3
+12V_ISHARE
Main output active load sharing bus
N/A
B4
PS_INHIBIT/PS_KILL
This signal is connected to a short pin on the PSU. When left
open operation will be inhibited. When the PSU is inserted into
the system, this pin must be pulled low by the system and will
turn on the PSU only after all inputs have seated.
N/A
C1
SDA
I2C Data line
N/A
C2
SCL
I2C Clock line
N/A
C3
PWR_GD
Power good. Active TTL HIGH when output is within regulation
limits
N/A
C4
FAN_FAIL
Fan failure
N/A
D1
A0
Address line least significant bit
N/A
D2
A1
Address line most significant bit
N/A
D3
S_INT
System interrupt
N/A
D4
VSB RS
Standby output remote sense
N/A
MATING CONNECTORS
Mating Connector
Press Fit
Straight
Right Angle
FCI
TBD
51761-10002406AA
D1
D2
D3
D4
D5
D6
PB1
PB2
PB3
PB4
PB5
PB6
C1
C2
C3
C4
C5
C6
B1
B2
B3
B4
B5
B6
A1
A2
A3
A4
A5
A6


Similar Part No. - D1U3CS-W-1200-12-HA3C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U3CS-W-1200-12-HA3C MURATA-D1U3CS-W-1200-12-HA3C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
More results

Similar Description - D1U3CS-W-1200-12-HA3C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U3CS-W-850-12-HC4C MURATA-D1U3CS-W-850-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
D1U3CS-W-1200-12-HC4C MURATA-D1U3CS-W-1200-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U3CS-W-850-12-HXXC MURATA-PS-D1U3CS-W-850-12-HXXC Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
D1U3CS-W-1300F-12-HX4EC MURATA-PS-D1U3CS-W-1300F-12-HX4EC Datasheet
177Kb / 5P
   81mm Front End AC-DC Power Converter
logo
Murata Manufacturing Co...
D1U3CS-W-1300F-12-HA4EC MURATA-D1U3CS-W-1300F-12-HA4EC Datasheet
177Kb / 5P
   81mm Front End AC-DC Power Converter
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HXX MURATA-PS-D1U86G-W-460-12-HXX Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com