Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U3CS-W-1200-12-HA3C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # D1U3CS-W-1200-12-HA3C
Description  81mm 1U Front End AC-DC Power Supply Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U3CS-W-1200-12-HA3C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  D1U3CS-W-1200-12-HA3C Datasheet HTML 1Page - Murata Power Solutions Inc. D1U3CS-W-1200-12-HA3C Datasheet HTML 2Page - Murata Power Solutions Inc. D1U3CS-W-1200-12-HA3C Datasheet HTML 3Page - Murata Power Solutions Inc. D1U3CS-W-1200-12-HA3C Datasheet HTML 4Page - Murata Power Solutions Inc. D1U3CS-W-1200-12-HA3C Datasheet HTML 5Page - Murata Power Solutions Inc. D1U3CS-W-1200-12-HA3C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
D1U3CS-W-1200-12-HxxC Series
81mm 1U Front End AC-DC Power Supply Converter
D1U3CS-W-1200-12-HxxC.B01 Page 2 of 6
www.murata-ps.com/support
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Rise Monotonicity
No voltage excursion
Startup Time
AC ramp up
1.5
2.5
s
Transient Response
12V, 50-100% load step, 1A/μs di/dt
300
mV
5VSB, 50-100% load step, 1A/μs di/dt
250
3.3VSB, 50-100% load step, 1A/μs di/dt
165
Current sharing accuracy (up to 8 in parallel)
At 100% load
±7
%
Hot Swap Transients
All outputs remain in regulation
5
%
Holdup Time
At full load
12
ms
ENVIRONMENTAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage Temperature Range
-40
70
°C
Operating Temperature Range
-10
50
Operating Humidity
Noncondensing
5
90
%
Storage Humidity
5
95
Altitude (without derating at 40°C)
4000
m
Altitude (without derating at 55°C)
1800
Shock
30G non operating
Sinusoidal Vibration
0.5G, 5 – 500 Hz
MTBF
Per Telcordia SR-322 M1C1 @40°C
500K
hrs
Acoustic
55
dB LpAm
Safety Approvals
CSA/UL 60950-1-07-2nd Ed.
IEC 60950-1:2005 (2nd Edition) w Am. 1:2009
EN 60950-1:2006 +A11:2009 +A1:2010
CE Marking per LVD DIRECTIVE 2006/95/EC
Input Fuse
Power Supply has internal 15A/250V fast blow fuse on the AC line input
Material Flammability
UL 94V-0
Switching Frequency
90KHz for Boost PFC Converter
130KHz for Main Output Converter
Weight
3.15lbs (1.43kg)
PROTECTION CHARACTERISTICS
Output
Voltage
Parameter
Conditions
Min.
Typ.
Max.
Units
Overtemperature (intake)
Autorestart
57
60
63
°C
12V
Overvoltage
Latching
13.3
14.5
V
Overcurrent at 220Vac
Latching
108
147
A
Overcurrent at 110Vac
Latching
90
102
3.3VSB
Overvoltage
Latching
3.9
4.3
V
Overcurrent
Autorecovery
6.5
9.0
A
5VSB
Overvoltage
Latching
5.6
6.0
V
Overcurrent
Autorecovery
4.4
6.0
A
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Insulation Safety Rating / Test Voltage
Input to Output - Reinforced
3000
Vrms
Input to Chassis - Basic
1500
Vrms
Isolation
Output to Chassis
500
Vdc


Similar Part No. - D1U3CS-W-1200-12-HA3C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U3CS-W-1200-12-HA3C MURATA-D1U3CS-W-1200-12-HA3C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
More results

Similar Description - D1U3CS-W-1200-12-HA3C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U3CS-W-850-12-HC4C MURATA-D1U3CS-W-850-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
D1U3CS-W-1200-12-HC4C MURATA-D1U3CS-W-1200-12-HC4C Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U3CS-W-850-12-HXXC MURATA-PS-D1U3CS-W-850-12-HXXC Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
D1U3CS-W-1300F-12-HX4EC MURATA-PS-D1U3CS-W-1300F-12-HX4EC Datasheet
177Kb / 5P
   81mm Front End AC-DC Power Converter
logo
Murata Manufacturing Co...
D1U3CS-W-1300F-12-HA4EC MURATA-D1U3CS-W-1300F-12-HA4EC Datasheet
177Kb / 5P
   81mm Front End AC-DC Power Converter
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
   54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
   54mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HXX MURATA-PS-D1U86G-W-460-12-HXX Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com