Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U4-W-1600-54-HB4C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # D1U4-W-1600-54-HB4C
Description  AC-DC Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U4-W-1600-54-HB4C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  D1U4-W-1600-54-HB4C Datasheet HTML 1Page - Murata Power Solutions Inc. D1U4-W-1600-54-HB4C Datasheet HTML 2Page - Murata Power Solutions Inc. D1U4-W-1600-54-HB4C Datasheet HTML 3Page - Murata Power Solutions Inc. D1U4-W-1600-54-HB4C Datasheet HTML 4Page - Murata Power Solutions Inc. D1U4-W-1600-54-HB4C Datasheet HTML 5Page - Murata Power Solutions Inc. D1U4-W-1600-54-HB4C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
D1U4-W-1600-54-HBxC
AC-DC Power Supply
CPS_D1U4-W-1600-54-HBxC.A01 Page 3 of 6
www.murata-ps.com/support
PROTECTION CHARACTERISTICS
Output
Voltage
Parameter
Conditions
Min.
Typ.
Max.
Units
54V
Over-Temperature
Auto re-start
55
65
°C
Over-Voltage
Latching
57
60
V
Over-Current
Constant Current for 200ms
followed by latch
33
39
A
12VSB
Over-Voltage
Latching
13.5
14.4
V
Over-Current
Latching
2.2
2.6
A
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Insulation Safety Rating / Test Voltage
Input to Output - Reinforced
3000
Vrms
Input to Chassis - Basic
1500
Vrms
Isolation
Output to Chassis (Ground)
2250
Vdc
Grounding
The Main 54VDC output shall be provided with isolation between the output and chassis ground. It shall be able
to withstand the following tests:
a) 1500VRMS at 50Hz to 60Hz for 60s.
b) 2250 VDC for 60s.
There shall be no insulation breakdown during the test as defined in sub clause 5.2.2 of IEC 60950-1:2001. The
resistance after the test should be at least 2M ohms when measured at 500VDC.
The VRTN should be isolated from the 12VSB Return and the power module shall support PoE Electrical Isolation
Requirements.
STATUS INDICATORS AND CONTROL SIGNALS
Status
Conditions
Description
LED Indicators
Off
No AC applied to any power module in host system
Off
No AC applied to this power module only
Blinking Green
AC Present & VSTANDBY “on”
Green
54VDC and VSTANDBY “on” and “OK”
Blinking Amber
Power Module Warning
Amber
Power Module Failure
I2C and PMBus
There is provision for the connection of dual I2C buses for redundancy.
This enables two master devices to connect to single slave device(s) within the power module.
The power module is provided with a PMBus Management Interface that provides status, measurement and
control data.
SYS_CONTR
Host system control input that can be used to turn on/off the Main 54VDC Output.
EMISSIONS AND IMMUNITY
Characteristic
Standard
Compliance
Input Current Harmonics
IEC/EN 61000-3-2
Complies with Class A Limits
Voltage Fluctuation & Flicker
IEC/EN 61000-3-3
Complies
Conducted Emissions
FCC 47 CFR Part 15; CISPR 22; EN55022
Complies to Class A with 6dB margin
Radiated Emissions
Complies to Class A with 6dB margin
ESD Immunity
IEC/EN 61000-4-2;
4KV Contact discharge; Criteria A
8KV Operational air discharge; Criteria A
15KV non-operational air discharge, Criteria A
Radiated Field Immunity
IEC/EN 61000-4-3
Complies
Electrical Fast Transients/Burst Immunity
IEC/EN 61000-4-4
Complies
Surge Immunity
IEC/EN 61000-4-5
1KV/2KV; Criteria A performance
RF Conducted Immunity
IEC/EN 61000-4-6
3VAC, 80% AM, 1KHz; Criteria A performance
Magnetic Field Immunity
IEC/EN 61000-4-8
3A/m
Voltage Dips & Interruptions
IEC/EN 61000-4-11
Complies


Similar Part No. - D1U4-W-1600-54-HB4C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U4-W-1600-12-HA1C MURATA-PS-D1U4-W-1600-12-HA1C Datasheet
199Kb / 5P
   AC/DC Front End Power Supply
D1U4-W-1600-12-HA2C MURATA-PS-D1U4-W-1600-12-HA2C Datasheet
199Kb / 5P
   AC/DC Front End Power Supply
D1U4-W-1600-12-HC1C MURATA-PS-D1U4-W-1600-12-HC1C Datasheet
199Kb / 5P
   AC/DC Front End Power Supply
D1U4-W-1600-12-HC2C MURATA-PS-D1U4-W-1600-12-HC2C Datasheet
199Kb / 5P
   AC/DC Front End Power Supply
More results

Similar Description - D1U4-W-1600-54-HB4C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com